Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P561-006 Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce P561-006
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561-006 Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P561-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
DVI Single Link Cable, Digital TMDS Monitor
Cable (DVI-D M/M), 6-ft.
MODEL NUMBER: P561-006
Description
Tripp Lite's 6-foot DVI Single Link Cable delivers the high performance and high bandwidth needed for
today's digital video displays. Gold-plated contacts ensure excellent conductivity, while double shielding
(foil and braid) provides maximum EMI/RFI protection. Both DVI connectors are molded and have integral
strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
Single Link digital signaling for transmission speeds to 4.95Gbps and 1920 x 1200 resolution
q
Gold plated copper contacts ensure excellent conductivity
q
Meets DVI DDWG Standard
q
PC and Mac compatible
q
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
q
Highlights
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
q
Resolutions up to 1920 x 1200
q
High Speed Digital
Transmission to 4.95Gbps
q
System Requirements
Monitor with DVI, and CPU with
Single Link DVI capabilities
q
Package Includes
DVI Single Link Cable - DVI-D,
M/M, 6'
q
OVERVIEW
UPC Code
037332120120
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.8
1 / 2


Numéro de pièce similaire - P561-006

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
   DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
More results

Description similaire - P561-006

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P560-006 TRIPPLITE-P560-006 Datasheet
167Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P560006 TRIPPLITE-P560006 Datasheet
501Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561003 TRIPPLITE-P561003 Datasheet
495Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com