Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-9625-2-140M Datasheet(Fiches technique) 3 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9625-2-140M
Description  SHIELDED SMD POWER INDUCTOR
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-9625-2-140M Datasheet(HTML) 3 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
393
RL-9625-2
2
10
-1
10
10
5
3
10-3
-2
DC CURRENT (A)
0
10
5
310
3 5
-1
5
3
10
5
3
1
100M
0
R49M
3
5
10
5R1M
(uH) 5
3
L
1
10
3
990M
330M
3
5
2
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
3
10
5
90
4
3
2
1
0
0
DC CURRENT (A)
12
11
10
9
8
7
68
1
517
16
15
14
13
10
20
30
60
t
(°C)
40
50
140M
70
80
M
9
4
R
M
1
R
5
M
0
3
3
M
0
9
9
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
-1
DC CURRENT (A)
10
5
3
10-4
10
10
5
33 5
-3
-2
5
3
10
5
3
10
-1
0
101
0
5
3
10
(uH)
5
R49M
3
L
1
10
3
140M
5R1M
3
5
330M
2
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
3
10
990M
5
90
DC CURRENT (A)
2
1
0
0
6
5
40
1
39
8
7
20
10
30
60
t
40
(°C)
50
70
140M
80
M
9
4
R
M
1
R
5
M
0
3
3
M
0
9
9
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (SER)


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn