Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RL-9712-4R7M Fiches technique(PDF) 2 Page - RENCO ELECTRONICS, INC.

No de pièce RL-9712-4R7M
Description  LOW PROFILE SMD POWER INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-9712-4R7M Fiches technique(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-9712-4R7M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-9712-4R7M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
397
RL-9712
Renco Part No.
RL-9712
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
RL-9712-1R0N
1.0 ± 30%
0.039
2.50
2.20
RL-9712-1R5N
1.5 ± 30%
0.049
2.10
2.05
RL-9712-2R2N
2.2 ± 30%
0.072
1.90
1.80
RL-9712-3R3N
3.3 ± 30%
0.083
1.60
1.65
RL-9712-4R7M
4.7 ± 20%
0.130
1.40
1.40
RL-9712-5R6M
5.6 ± 20%
0.140
1.20
1.35
RL-9712-6R8M
6.8 ± 20%
0.160
1.10
1.25
RL-9712-100M
10.0 ± 20%
0.250
0.90
1.05
RL-9712-150M
15.0 ± 20%
0.280
0.70
0.95
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 30%
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC FOR 10 SECONDS
5. INDUCTANCE TESTED AT 100 kHz, 0.1Vrms


Numéro de pièce similaire - RL-9712-4R7M

FabricantNo de pièceFiches techniqueDescription
logo
RENCO ELECTRONICS, INC.
RL-9710 RENCO-RL-9710 Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9710-100M RENCO-RL-9710-100M Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9710-150M RENCO-RL-9710-150M Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9710-1R0N RENCO-RL-9710-1R0N Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9710-1R5N RENCO-RL-9710-1R5N Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
More results

Description similaire - RL-9712-4R7M

FabricantNo de pièceFiches techniqueDescription
logo
RENCO ELECTRONICS, INC.
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3015 RENCO-RL-3015 Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9720 RENCO-RL-9720 Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
logo
GuangDong Province Meng...
MTSNR5040 MENGCO-MTSNR5040 Datasheet
1Mb / 2P
   Low profile SMD Power Inductor
logo
RENCO ELECTRONICS, INC.
RL-3012 RENCO-RL-3012 Datasheet
426Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-9710 RENCO-RL-9710 Datasheet
421Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
   SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com