Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-9625-1-7R6M Datasheet(Fiches technique) 2 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9625-1-7R6M
Description  SHIELDED SMD POWER INDUCTOR
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-9625-1-7R6M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
389
RL-9625-1
Renco Part No.
RL-9625-1
Inductance
(µH)
Inductance @
Irms Min. (µH)
DCRMax.
(Ohms)
Irms
(A)
Inductance
(µH)
Inductance @
Irms Min. (µH)
DCR Max.
(Ohms)
Irms
(A)
RL-9625-1-R54M
0.54 ± 20%
0.420
0.0060
5.90
2.18 ± 20%
1.69
0.024
2.95
RL-9625-1-R85M
0.85 ± 20%
0.640
0.0070
5.40
3.40 ± 20%
2.33
0.029
2.70
RL-9625-1-1R2M
1.22 ± 20%
0.890
0.0080
5.00
4.90 ± 20%
3.57
0.033
2.30
RL-9625-1-2R2M
2.18 ± 20%
1.56
0.0140
3.90
8.70 ± 20%
6.26
0.055
1.95
RL-9625-1-4R9M
4.90 ± 20%
3.57
0.0320
2.50
19.58 ± 20%
14.26
0.128
1.25
RL-9625-1-7R6M
7.65 ± 20%
5.31
0.0400
2.30
30.60 ± 20%
21.23
0.158
1.15
RL-9625-1-100M
9.83 ± 20%
6.73
0.0450
2.10
39.30 ± 20%
26.92
0.179
1.05
RL-9625-1-150M
14.99 ± 20%
10.51
0.0850
1.60
59.98 ± 20%
42.02
0.339
0.800
RL-9625-1-200M
19.58 ± 20%
13.37
0.0970
1.50
78.34 ± 20%
53.48
0.387
0.750
RL-9625-1-250M
24.79 ± 20%
16.60
0.1090
1.48
99.14 ± 20%
66.38
0.436
0.700
RL-9625-1-330M
32.67 ± 20%
21.29
0.1260
1.30
130.70 ± 20%
85.17
0.503
0.650
RL-9625-1-500M
49.10 ± 20%
35.31
0.3050
0.820
196.38 ± 20%
141.24
1.221
0.410
RL-9625-1-680M
68.85 ± 20%
47.93
0.3620
0.760
275.40 ± 20%
191.71
1.445
0.380
RL-9625-1-101M
99.14 ± 20%
69.56
0.5410
0.620
396.58 ± 20%
278.22
2.162
0.310
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. TURNS RATIO 1:1
3. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
4. INDUCTANCE TESTED AT 100 kHz, 0.25Vrms
5. HIPOT TEST: 500V AC @ 60Hz 1mA MAX FOR 1 SECOND
PARALLEL
SERIES


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn