Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-9625-1-7R6M Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9625-1-7R6M
Description  SHIELDED SMD POWER INDUCTOR
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-9625-1-7R6M Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
388
• Magnetically shielded surface mount inductor with high
current rating
• Low resistance to keep power loss at a minimum
• Excellent for power line DC-DC conversion applications used in
notebook computers and other electronic equipment
• Can use in series or in parallel
FEATURES & APPLICATIONS
DESCRIPTION
• Shielded SMD Power Inductor
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 507
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
PART NUMBER
A (TYP.)
B (TYP.)
C (TYP.)
D (TYP.)
E (MAX.)
F (TYP.)
RL-9625-1
0.450 (11.43)
0.350 (8.89)
0.350 (8.89)
0.030 (0.76)
0.235 (5.97)
0.392 (9.96)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-9625-1
1.0g (0.04oz)
G (TYP.)
H (TYP.)
I (TYP.)
0.421 (10.70)
0.145 (3.69)
0.120 (3.05)
TOP VIEW
RECOMMENDED
PCB PATTERN
FRONT VIEW
RL-9625-1
SHIELDED SMD POWER INDUCTOR
SCHEMATIC
3
2
1
4
A
C
B
D
1
4
2
E
1
2
4
3
1
2
4
3
1
2
4
3
1
2
3
4
G
E
H
F
I
PARALLEL
SERIES


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn