Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-9710-1R5N Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9710-1R5N
Description  LOW PROFILE SMD POWER INDUCTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-9710-1R5N Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
394
RL-9710
LOW PROFILE SMD POWER INDUCTOR
• Low profile surface mount inductors in a small-package size
• Excellent as a power inductor used in notebook computers
and other electronic equipment requiring compact and
low-loss inductors
• Available in 11 values with inductance ratings from 1.0 µH
to 47 µH and currents up to 1.80 A
FEATURES & APPLICATIONS
DESCRIPTION
• SMD Power Inductor
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 507
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D (TYP.)
E (TYP.)
F (TYP.)
G (TYP.)
RL-9710
0.204 (5.20)
0.200 (5.10)
0.040 (1.00)
0.110 (2.70)
0.050 (1.16)
0.080 (2.00)
0.059 (1.50)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-9710
1.0g (0.04oz)
H (REF.)
I (REF.)
J (REF.)
K (REF.)
L (REF.)
M (REF.)
0.212 (5.40)
0.094 (2.40) 0.984 (2.50) 0.212 (5.40) 0.212 (5.40) 0.055 (1.40)
TOP VIEW
SIDE VIEW
RECOMMENDED PCB LAYOUT
A
B
C
F
G
E
D
H
I
K
J
M
L
BOTTOM VIEW
POWDER COATING
SCHEMATIC
ST
FN
OR


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn