Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

19-21-S2C-AL2M2VY-3T Datasheet(Fiches technique) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce 19-21-S2C-AL2M2VY-3T
Description  0603 Package Chip LED (0.8mm Height)
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

19-21-S2C-AL2M2VY-3T Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 1 of 10
Device No. : SZDSE-191-S05
Prepared date: 23-Mar-2005
Prepared by: Zhang huali
Technical Data Sheet
0603 Package Chip LED (0.8mm Height)
19-21/S2C-AL2M2VY/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
Descriptions
․The 19-21 SMD Taping is much smaller than lead
frame type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
․Indoor signboard use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Lens Color
19-21/S2C-AL2M2VY/3T
AlGaInP
Brilliant Orange
Water Clear
香港至恩科技有限公司  
  www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn