Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

19-21-R6C-FP1Q2L-3T Fiches technique(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 19-21-R6C-FP1Q2L-3T
Description  0603 Package Chip LED(0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-21-R6C-FP1Q2L-3T Fiches technique(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  19-21-R6C-FP1Q2L-3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R6C-FP1Q2L-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
19-21/R6C-FP1Q2L/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 10
Device No: DSE-
Prepared date:20-Jun-2011
Prepared by:ZhouChen
Typical Electro-Optical Characteristics Curves


Numéro de pièce similaire - 19-21-R6C-FP1Q2L-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-21-R6C-FP1Q2L-3T EVERLIGHT-19-21-R6C-FP1Q2L-3T Datasheet
143Kb / 10P
   0603 Package Chip LED(0.8mm Height)
19-21-R6C-FP1Q2L-3T EVERLIGHT-19-21-R6C-FP1Q2L-3T Datasheet
223Kb / 10P
   0603 Package Chip LED(0.8mm Height)
19-21-R6C-FP1Q2L-3T EVERLIGHT-19-21-R6C-FP1Q2L-3T_11 Datasheet
223Kb / 10P
   0603 Package Chip LED(0.8mm Height)
More results

Description similaire - 19-21-R6C-FP1Q2L-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-Y2C-AL1M2VY-3T EVERLIGHT-19-21-Y2C-AL1M2VY-3T Datasheet
152Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-AP1Q2-3T EVERLIGHT-19-21-BHC-AP1Q2-3T Datasheet
229Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-FM1N2B-3T EVERLIGHT-19-21-G6C-FM1N2B-3T_11 Datasheet
286Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-S2C-AL2M2VY-3T EVERLIGHT-19-21-S2C-AL2M2VY-3T Datasheet
210Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-R8C-FN2Q1L-3T TO-GRACE-19-21-R8C-FN2Q1L-3T Datasheet
620Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
Everlight Electronics C...
19-21-Y2C-CP1Q2B-3T EVERLIGHT-19-21-Y2C-CP1Q2B-3T Datasheet
137Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-AL1M2LY-3T EVERLIGHT-19-21-G6C-AL1M2LY-3T Datasheet
217Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21BHC EVERLIGHT-19-21BHC Datasheet
154Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-BHC-AP1Q2-3T TO-GRACE-19-21-BHC-AP1Q2-3T Datasheet
842Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-ZQ1R2N-3T TO-GRACE-19-21-BHC-ZQ1R2N-3T Datasheet
599Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com