Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NRM6045T471MMRRV Datasheet(Fiches technique) 1 Page - Taiyo Yuden (U.S.A.), Inc

Numéro de pièce NRM6045T471MMRRV
Description  SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo 

NRM6045T471MMRRV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T471MMRRV
Features
Item Summary
470uH±20%, 0.22A, 6.0x6.0x4.5mm
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 1500pcs
Products characteristics table
Inductance
470 uH ± 20 %
Case Size (mm)
6.0x6.0
Rated Current (max)
0.22 A
Saturation Current (max)
0.45 A (⊿L=30%)
Saturation Current (typ)
0.5 A (⊿L=30%)
Temperature Rise Current (max)
0.22 A (⊿T=20℃)
Temperature Rise Current (typ)
0.3 A (⊿T=20℃)
Temperature Rise Current (max)
0.38 A (⊿T=40℃)
(Reference Value)
Temperature Rise Current (typ)
0.45 A (⊿T=40℃)
(Reference Value)
DC Resistance (max)
2.76 Ω
DC Resistance (typ)
2.3 Ω
LQ Measuring Frequency
100 kHz
Self Resonant Frequency (min)
2 MHz
Operating Temp. Range
-40 to +125 ℃
(Including-self-generated heat)
Temperature characteristic
± 20 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
6.0 ±0.2 mm
Dimension W
6.0 ±0.2 mm
Dimension H
Max 4.5 mm
Dimension e
1.65 ±0.2 mm
Dimension k (ref)
Min 0.3 mm
Recommended Land Patterns
2019.07.03
1 / 1


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn