Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

19-21-GPC-FL1M2B-3T Fiches technique(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 19-21-GPC-FL1M2B-3T
Description  0603 Package Chip LED(0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-21-GPC-FL1M2B-3T Fiches technique(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 19-21-GPC-FL1M2B-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-GPC-FL1M2B-3T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 10 of 10
Device No. : DSE-0002649
Prepared date:04-Nov-2009
Prepared by: Niu Yanling
19-21/GPC-FL1M2B/3T
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Numéro de pièce similaire - 19-21-GPC-FL1M2B-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-21-GPC-FL1M2B-3T EVERLIGHT-19-21-GPC-FL1M2B-3T Datasheet
136Kb / 10P
   0603 Package Chip LED(0.8mm Height)
More results

Description similaire - 19-21-GPC-FL1M2B-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-Y2C-AL1M2VY-3T EVERLIGHT-19-21-Y2C-AL1M2VY-3T Datasheet
152Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-AP1Q2-3T EVERLIGHT-19-21-BHC-AP1Q2-3T Datasheet
229Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-FM1N2B-3T EVERLIGHT-19-21-G6C-FM1N2B-3T_11 Datasheet
286Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-S2C-AL2M2VY-3T EVERLIGHT-19-21-S2C-AL2M2VY-3T Datasheet
210Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-R8C-FN2Q1L-3T TO-GRACE-19-21-R8C-FN2Q1L-3T Datasheet
620Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
Everlight Electronics C...
19-21-Y2C-CP1Q2B-3T EVERLIGHT-19-21-Y2C-CP1Q2B-3T Datasheet
137Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-AL1M2LY-3T EVERLIGHT-19-21-G6C-AL1M2LY-3T Datasheet
217Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21BHC EVERLIGHT-19-21BHC Datasheet
154Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-BHC-AP1Q2-3T TO-GRACE-19-21-BHC-AP1Q2-3T Datasheet
842Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-ZQ1R2N-3T TO-GRACE-19-21-BHC-ZQ1R2N-3T Datasheet
599Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com