Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

19-21/GHC-YN1P2QY/3T Datasheet(Fiches technique) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce 19-21/GHC-YN1P2QY/3T
Description  0603 Package Chip LED (0.8mm Height)
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

19-21/GHC-YN1P2QY/3T Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
19-21/GHC-YN1P2QY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 4 of 10
Device No. : DSE-0002652
Prepared date:20-Aug-2010
Prepared by: YangPeng
Bin Range Of Dom. Wavelength
Group
Bin
Min
Max
Unit
Condition
X
520
525
Y
525
530
Y
Z
530
535
nm
IF =5mA
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
N1
28.5
36.0
N2
36.0
45.0
P1
45.0
57.0
P2
57.0
72.0
mcd
IF =5mA
Bin Rang Of Luminous Voltage
Group
Bin
Min
Max
Unit
Condition
29
2.70
2.80
30
2.80
2.90
31
2.90
3.00
32
3.00
3.10
Q
33
3.10
3.20
V
IF=5mA
Notes:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Dominant Wavelength: ±1nm
3.Tolerance of Forward Voltage ±0.05V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn