Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846BWT1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BC846BWT1
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC846BWT1 Fiches technique(HTML) 1 Page - ON Semiconductor

  BC846BWT1 Datasheet HTML 1Page - ON Semiconductor BC846BWT1 Datasheet HTML 2Page - ON Semiconductor BC846BWT1 Datasheet HTML 3Page - ON Semiconductor BC846BWT1 Datasheet HTML 4Page - ON Semiconductor BC846BWT1 Datasheet HTML 5Page - ON Semiconductor BC846BWT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
NPN Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–323/SC–70 which is
designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector – Emitter Voltage
VCEO
65
45
30
V
Collector – Base Voltage
VCBO
80
50
30
V
Emitter – Base Voltage
VEBO
6.0
6.0
5.0
V
Collector Current — Continuous
IC
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
TA = 25°C
PD
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Total Device Dissipation
PD
2.4
mW/
°C
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BC846AWT1 = 1A; BC846BWT1 = 1B; BC847AWT1 = 1E; BC847BWT1 = 1F;
BC847CWT1 = 1G; BC848AWT1 = 1J; BC848BWT1 = 1K; BC848CWT1 = 1L
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
BC846 Series
(IC = 10 mA)
BC847 Series
BC848 Series
V(BR)CEO
65
45
30
V
Collector – Emitter Breakdown Voltage
BC846 Series
(IC = 10 µA, VEB = 0)
BC847 Series
BC848 Series
V(BR)CES
80
50
30
V
Collector – Base Breakdown Voltage
BC846 Series
(IC = 10 mA)
BC847 Series
BC848 Series
V(BR)CBO
80
50
30
V
Emitter – Base Breakdown Voltage
BC846 Series
(IE = 1.0 mA)
BC847 Series
BC848 Series
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by BC846AWT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC846AWT1,BWT1
BC847AWT1,BWT1,
CWT1
BC848AWT1,BWT1,
CWT1
CASE 419–02, STYLE 3
SOT–323/SC–70
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Numéro de pièce similaire - BC846BWT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC846BWT1 MOTOROLA-BC846BWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
Leshan Radio Company
BC846BWT1 LRC-BC846BWT1 Datasheet
185Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC846BWT1G ONSEMI-BC846BWT1G Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Description similaire - BC846BWT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com