Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

18-225-R6G6C-A01-3T Fiches technique(PDF) 12 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 18-225-R6G6C-A01-3T
Description  Chip LED with Bi-Color(Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

18-225-R6G6C-A01-3T Fiches technique(HTML) 12 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 18-225-R6G6C-A01-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-R6G6C-A01-3T Datasheet HTML 12Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
18-225/R6G6C-A01/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 12 of 12
Device No:DSE-00005366
Prepared date: 05-Jul-2011
Prepared by: Ashley kuo
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within
once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Numéro de pièce similaire - 18-225-R6G6C-A01-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
18-225-R6G6C-A01-3T EVERLIGHT-18-225-R6G6C-A01-3T Datasheet
203Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
18-225-R6G6C-A01-3T EVERLIGHT-18-225-R6G6C-A01-3T Datasheet
197Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
18-225-R6G6C-A01-3T EVERLIGHT-18-225-R6G6C-A01-3T_11 Datasheet
197Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results

Description similaire - 18-225-R6G6C-A01-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com