Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

17-215-BHC-AN1P2-3T Fiches technique(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 17-215-BHC-AN1P2-3T
Description  0805 Package Chip LED(0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

17-215-BHC-AN1P2-3T Fiches technique(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  17-215-BHC-AN1P2-3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-BHC-AN1P2-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/BHC-AN1P2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 10
Device No. : SZDSE-175-B01
Prepared date: 19-Oct-2006
Prepared by: Zhifang Pan
Typical Electro-Optical Characteristics Curves


Numéro de pièce similaire - 17-215-BHC-AN1P2-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
More results

Description similaire - 17-215-BHC-AN1P2-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
U17-215-R6C-AQ1R2B-3T EVERLIGHT-U17-215-R6C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com