Moteur de recherche de fiches techniques de composants électroniques |
|
RL-7900-2-470 Fiches technique(PDF) 1 Page - RENCO ELECTRONICS, INC. |
|
RL-7900-2-470 Fiches technique(HTML) 1 Page - RENCO ELECTRONICS, INC. |
1 / 6 page Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600 595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified RENCO ELECTRONICS INC. 336 RL-7900-2 COMMON MODE CHOKE COILS • Small size of 3216 Type (EIA 1206) • Great performance in suppressing noise over high frequency • Ferrite or ceramic body with wire-wound type of construction • Suitable for radiation noise suppression for any electronic devices • Also used to counter common mode noise interference within high speed signal lines • Typical applications include: USB 2.0 line, peripheral devices, and IEEE 1394 line for personal computers FEATURES & APPLICATIONS DESCRIPTION • Common Mode Choke ENVIRONMENTAL DATA • Storage temperature range: -55°C to +130°C • Operating temperature range: -40°C to +130°C PACKAGING INFORMATION • Packaging information: pg. 506 FOR SIGNAL LINES Verify operation with sample in actual circuit. Order samples at www.rencousa.com. FRONT VIEW SIDE VIEW RECOMMENDED LAND PATTERN PART NUMBER A (MAX.) B (MAX.) C D (MAX.) E F RL-7900-2 0.130 (3.40) 0.090 (2.20) 0.010 (0.17) 0.070 (1.80) 0.020 (0.60) 0.020 (0.60) MECHANICAL DIMENSIONS U.S. Standard (mm) PART NUMBER PART WEIGHT RL-7900-2 0.12g (0.004oz) G (REF.) H (REF.) I (REF.) J (REF.) 0.040 (1.05) 0.020 (0.60) 0.074 (1.90) 0.020 (0.60) A B C D J G I H 1 2 34 E F BOTTOM VIEW 1 2 3 4 SCHEMATIC |
Numéro de pièce similaire - RL-7900-2-470 |
|
Description similaire - RL-7900-2-470 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |