Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-8600-101M Datasheet(Fiches technique) 2 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8600-101M
Description  SMD HIGH ENERGY POWER INDUCTORS
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-8600-101M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-8600
Renco Part No.
RL-8600
Inductance
(µH)
DCR Max.
(mOhms)
Isat
(A)
Irms
(A)
RL-8600-470M
47.00 ± 20%
55.0
5.20
3.70
RL-8600-680M
68.00 ± 20%
75.0
4.30
3.10
RL-8600-101M
100.00 ± 20%
125.0
3.60
2.50
RL-8600-151M
150.00 ± 20%
190.0
3.00
2.00
RL-8600-221M
220.00 ± 20%
280.0
2.50
1.60
RL-8600-331M
330.00 ± 20%
370.0
2.00
1.40
RL-8600-471M
470.00 ± 20%
510.0
1.60
1.20
RL-8600-681M
680.00 ± 20%
800.0
1.40
1.00
RL-8600-102M
1000.00 ± 20%
1100.0
1.15
0.80
RL-8600-152M
1500.00 ± 20%
1600.0
0.95
0.60
RL-8600-222M
2200.00 ± 20%
2300.0
0.80
0.50
RL-8600-332M
3300.00 ± 20%
3600.0
0.65
0.40
RL-8600-472M
4700.00 ± 20%
5200.0
0.55
0.35
RL-8600-682M
6800.00 ± 20%
7700.0
0.45
0.30
RL-8600-103M
10000.00 ± 20%
11000.0
0.38
0.25
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 10%
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE
APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
5. COMPLETE WINDING TO CORE ISOLATION
6. INDUCTANCE TESTED AT 10 kHz, 0.1Vrms


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn