Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-7900-2-120 Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-7900-2-120
Description  COMMON MODE CHOKE COILS FOR SIGNAL LINES
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-7900-2-120 Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
336
RL-7900-2
COMMON MODE CHOKE COILS
• Small size of 3216 Type (EIA 1206)
• Great performance in suppressing noise over high frequency
• Ferrite or ceramic body with wire-wound type of construction
• Suitable for radiation noise suppression for any
electronic devices
• Also used to counter common mode noise interference within
high speed signal lines
• Typical applications include: USB 2.0 line, peripheral devices,
and IEEE 1394 line for personal computers
FEATURES & APPLICATIONS
DESCRIPTION
• Common Mode Choke
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 506
FOR SIGNAL LINES
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
PART NUMBER
A (MAX.)
B (MAX.)
C
D (MAX.)
E
F
RL-7900-2
0.130 (3.40)
0.090 (2.20)
0.010 (0.17)
0.070 (1.80)
0.020 (0.60)
0.020 (0.60)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-7900-2
0.12g (0.004oz)
G (REF.)
H (REF.)
I (REF.)
J (REF.)
0.040 (1.05)
0.020 (0.60)
0.074 (1.90)
0.020 (0.60)
A
B
C
D
J
G
I
H
1
2
34
E
F
BOTTOM VIEW
1
2
3
4
SCHEMATIC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn