Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7400AKSTZ-801 Fiches technique(PDF) 3 Page - Analog Devices |
|
ADV7400AKSTZ-801 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 16 page ADV7400A Rev. A | Page 3 of 16 ELECTRICAL CHARACTERISTICS AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V, nominal input range = 1.6 V, operating temperature range, unless otherwise noted. Table 1. Electrical Characteristics1,2 Parameter Symbol Test Conditions Min Typ Max Unit STATIC PERFORMANCE3 Resolution (each ADC) N 10 Bits Integral Nonlinearity INL BSL at 27 MHz (at a 10-bit level) ±0.6 ±2.5 LSB Integral Nonlinearity INL BSL at 54 MHz (at a 10-bit level) −0.6/+0.7 LSB Integral Nonlinearity INL BSL at 74 MHz (at a 10-bit level) −1.2/+1.5 LSB Integral Nonlinearity INL BSL at 110 MHz (at an 8-bit level)4 −0.9/+1.6 LSB Differential Nonlinearity DNL At 27 MHz (at a 10-bit level) −0.2/+0.25 −0.3/+0.7 LSB Differential Nonlinearity DNL At 54 MHz (at a 10-bit level) −0.2/+0.25 LSB Differential Nonlinearity DNL At 74 MHz (at a 10-bit level) ±0.8 LSB Differential Nonlinearity DNL At 110 MHz (at an 8-bit level)4 −0.2/+1.5 LSB DIGITAL INPUTS Input High Voltage VIH 2 V Input Low Voltage VIL 0.8 V XTAL High Voltage VIH Pin 38 1.2 V XTAL Low Voltage VIL Pin 38 0.4 V Input High Voltage VIH HS_IN, VS_IN low trigger mode 0.7 V Input Low Voltage VIL HS_IN, VS_IN low trigger mode 0.4 V Input Current IIN Pins listed in Note 5 −60 +60 µA All other input pins −10 +10 µA Input Capacitance6 CIN 10 pF DIGITAL OUTPUTS Output High Voltage VOH ISOURCE = 0.4 mA 2.4 V Output Low Voltage VOL ISINK = 3.2 mA 0.4 V High Impedance Leakage Current ILEAK Pins listed in Note 7 60 µA All other output pins 10 µA Output Capacitance6 COUT 20 pF POWER REQUIREMENTS6 Digital Core Power Supply DVDD 1.65 1.8 2 V Digital I/O Power Supply DVDDIO 3.0 3.3 3.6 V PLL Power Supply PVDD 1.65 1.8 2 V Analog Power Supply AVDD 3.15 3.3 3.45 V Digital Core Supply Current IDVDD CVBS input sampling at 54 MHz 82 mA Graphics RGB sampling at 110 MHz 4 62 mA Digital I/O Supply Current IDVDDIO CVBS input sampling at 54 MHz 2 mA Graphics RGB sampling at 110 MHz 4 17 mA PLL Supply Current IPVDD 54 MHz 10.5 mA 110 MHz 6 mA Analog Supply Current IAVDD CVBS input sampling at 54 MHz 85 mA Graphics RGB sampling at 110 MHz 4 218 mA Power-Down Current IPWRDN 1.5 mA Green Mode Power-Down IPWRDNG Sync bypass function 12.5 mA Power-Up Time TPWRUP 20 ms 1 The min/max specifications are guaranteed over this range. 2 Temperature range TMIN to TMAX: −40°C to +85°C. 3 All ADC linearity tests performed at input range of full scale are −12.5%, and at zero scale they are +12.5%. 4 Specifications for the ADV7400AKSTZ-110 and the ADV7400ABSTZ-110 only. 5 Pins: 1, 2, 3, 13, 14, 16, 19, 24, 29, 30, 31, 32, 33, 34, 35, 45, 79, 83, 84, 87, 88, 95, 96, 97, 100. 6 Guaranteed by characterization. 7 Pins: 45, 34, 33, 32, 31, 30, 29, 24, 14, 13 (P20 to P29). |
Numéro de pièce similaire - ADV7400AKSTZ-801 |
|
Description similaire - ADV7400AKSTZ-801 |