Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400AKSTZ-1101 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADV7400AKSTZ-1101
Description  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-1101 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADV7400AKSTZ-1101 Datasheet HTML 6Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 9Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 10Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 11Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 12Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 13Page - Analog Devices ADV7400AKSTZ-1101 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADV7400A
Rev. A | Page 10 of 16
DETAILED FUNCTIONALITY
ANALOG FRONT END
Three high quality 10-bit ADCs enable true 8-bit video
decoder
12 analog input channel mux enables multisource
connection without the requirement of an external mux
Three current and voltage clamp control loops ensure any
dc offsets are removed from the video signal
SDP PIXEL DATA OUTPUT MODES
8-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, VS, and FIELD
16-bit YCrCb with embedded time codes and/or HS, VS,
and FIELD
24-bit YCrCb with embedded time codes and/or HS, VS,
and FIELD
CP PIXEL DATA OUTPUT MODES
Single data rate (SDR) 16-bit 4:2:2 YCrCb for all standards
Single data rate (SDR) 24-bit 4:4:4 YCrCb/RGB for all
standards
Double data rate (DDR) 8-bit 4:2:2 YCrCb for all standards
Double data rate (DDR) 12-bit 4:4:4 YCrCb/RGB for all
standards
COMPOSITE AND S-VIDEO PROCESSING
Support for NTSC (J, M, 4.43), PAL (B, D, I, G, H, M, N, Nc
60) and SECAM B/D/G/K/L standards in the form of
CVBS and S-video
Super adaptive 2D 5-line comb filters for NTSC and PAL
give superior chrominance and luminance separation for
composite video
Full automatic detection and autoswitching of all
worldwide standards (PAL/NTSC/SECAM)
Automatic gain control with white peak mode ensures the
video is always processed without loss of the video
processing range
Adaptive digital line length tracking (ADLLT)
Proprietary architecture for locking to weak, noisy, and
unstable sources from VCRs and tuners
IF filter block compensates for high frequency luma
attenuation due to tuner SAW filter
Chroma transient improvement (CTI)
Luminance digital noise reduction (DNR)
Color controls include hue, brightness, saturation, contrast,
and Cr and Cb offset controls
Certified Macrovision® copy protection detection on
composite and S-video for all worldwide formats
(PAL/NTSC/SECAM)
4× oversampling (54 MHz) for CVBS and S-video modes
Line-locked clock output (LLC)
Letterbox detection supported
Free-run output mode provides stable timing when no
video input is present
Vertical blanking interval data processor
Closed captioning (CC) and extended data service (EDS)
Wide screen signaling (WSS)
Copy generation management system (CGMS)
EDTV
Gemstar™ 1×/2× electronic program guide-compatible
Clocked from a single 27 MHz crystal
Subcarrier frequency lock (SFL) output for downstream
video encoder
Differential gain typically 0.5%
Differential phase typically 0.5°
COMPONENT VIDEO PROCESSING
Formats supported include 525i, 625i, 525p, 625p, 720p,
1080i, and many other HDTV formats
Automatic adjustments include gain (contrast) and offset
(brightness); manual adjustment controls are also
supported
Support for analog component YPrPb/RGB video formats
with embedded sync or with separate HS, VS, or CS
Any-to-any 3 × 3 color space conversion matrix supports
YCrCb-to-RGB and RGB-to-YCrCb
Standard identification (STDI) enables system level
component format detection
Certified Macrovision copy protection detection on
component formats (525i, 625i, 525p, and 625p)


Numéro de pièce similaire - ADV7400AKSTZ-1101

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

Description similaire - ADV7400AKSTZ-1101

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com