Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400AKSTZ-110 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7400AKSTZ-110
Description  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-110 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7400AKSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 9Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 10Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 11Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 12Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 13Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 14Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADV7400A
Rev. A | Page 11 of 16
Free-run output mode provides stable timing when no
video input is present
Arbitrary pixel sampling support for nonstandard video
sources
RGB GRAPHICS PROCESSING
110 MSPS conversion rate supports RGB input resolutions
up to 1280 × 1024 @ 60 Hz (SXGA); (80 MSPS conversion
rate for ADV7400AKSTZ-80)
Automatic or manual clamp and gain controls for graphics
modes
Contrast and brightness controls
Sampling PLL clock with 500 ps p-p jitter at 110 MSPS
32-phase DLL allows optimum pixel clock sampling
Automatic detection of sync source and polarity by SSPD
block
Standard identification is enabled by STDI block
RGB can be color space converted to YCrCb and
decimated to a 4:2:2 format for video centric backend
IC interfacing
Data enable (DE) output signal supplied for direct
connection to HDMI/DVI Tx IC
Arbitrary pixel sampling support for nonstandard video
sources
DIGITAL VIDEO INPUT PORT
Support for raw 10-bit CVBS data from digital tuner
Support for 24-bit RGB input data from DVI Rx chip,
output converted to YCrCb 4:2:2
Support for 24-bit 4:4:4, 16-bit 4:2:2 525i, 625i, 525p, 625p,
1080i, 720p, VGA to SXGA @ 60 Hz input data from
HDMI Rx chip, output converted to 16-bit 4:2:2 YCrCb
GENERAL FEATURES
HS, VS, and FIELD output signals with programmable
position, polarity, and width
Programmable interrupt request output pin, INT, signals
SDP/CP status changes
Supports two I2C host port interfaces (control and VBI)
Low power consumption: 1.8 V digital core, 3.3 V analog
and digital I/O, low power power-down mode, and green
PC mode
Industrial temperature range (−40°C to +85°C)
110 MHz and 80 MHz speed grades (ADV7400AKSTZ-
110 and ADV7400AKSTZ-80)
100-pin 14 mm × 14 mm Pb-free LQFP package


Numéro de pièce similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

Description similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com