Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400AKSTZ-110 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7400AKSTZ-110
Description  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-110 Fiches technique(HTML) 5 Page - Analog Devices

  ADV7400AKSTZ-110 Datasheet HTML 1Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 2Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 3Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 4Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 5Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 6Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADV7400A
Rev. A | Page 5 of 16
TIMING CHARACTERISTICS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V, operating temperature range, unless
otherwise noted.
Table 3. Timing Characteristics1, ,2 3
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
27.0
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
14.8
110
kHz
LLC1 Frequency Range4
12.825
110
MHz
I2C® PORT
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
µs
SCLK Min Pulse Width Low
t2
1.3
µs
Hold Time (Start Condition)
t3
0.6
µs
Setup Time (Start Condition)
t4
0.6
µs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% duty
cycle
DATA and CONTROL OUTPUTS
Data Output Transition Time (SDP)
t11
Negative clock edge to start of valid data
3.4
ns
Data Output Transition Time (SDP)
t12
End of valid data to negative clock edge
2.4
ns
Data Output Transition Time (CP)
t13
End of valid data to negative clock edge
1.1
ns
Data Output Transition Time (CP)
t14
Negative clock edge to start of valid edge
2.2
ns
Data Output Transition Time DDR (CP)5 t15
Positive clock edge to end of valid data
−2.7 + TLLC1/4
ns
Data Output Transition Time DDR (CP)5 t16
Start of valid data to positive clock edge
−1.3 + TLLC1/4
ns
Data Output Transition Time DDR (CP)5 t17
Negative clock edge to end of valid data
−2.1 + TLLC1/4
ns
Data Output Transition Time DDR (CP)5 t18
Start of valid data to negative clock edge
−0.9 + TLLC1/4
ns
DATA and CONTROL INPUTS
Input Setup Time
t19
HS_IN, VS_IN
9
ns
DE_IN, data inputs
2.2
ns
Input Hold Time
t20
HS_IN, VS_IN
7
ns
DE_IN, data inputs
1
ns
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX:
−40°C to +85°C.
3 Guaranteed by characterization.
4 Maximum LLC1 frequency is 80 MHz for the ADV7400AKSTZ-80.
5 DDR timing specifications depend on LLC1 output pixel clock; TLCC1/4 = 9.25 ns at LLC1 = 27 MHz.


Numéro de pièce similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

Description similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com