Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400AKSTZ-110 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADV7400AKSTZ-110
Description  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-110 Fiches technique(HTML) 3 Page - Analog Devices

  ADV7400AKSTZ-110 Datasheet HTML 1Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 2Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 3Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 4Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 5Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 6Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADV7400A
Rev. A | Page 3 of 16
ELECTRICAL CHARACTERISTICS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V, nominal input range = 1.6 V, operating
temperature range, unless otherwise noted.
Table 1. Electrical Characteristics1,2
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE3
Resolution (each ADC)
N
10
Bits
Integral Nonlinearity
INL
BSL at 27 MHz (at a 10-bit level)
±0.6
±2.5
LSB
Integral Nonlinearity
INL
BSL at 54 MHz (at a 10-bit level)
−0.6/+0.7
LSB
Integral Nonlinearity
INL
BSL at 74 MHz (at a 10-bit level)
−1.2/+1.5
LSB
Integral Nonlinearity
INL
BSL at 110 MHz (at an 8-bit level)4
−0.9/+1.6
LSB
Differential Nonlinearity
DNL
At 27 MHz (at a 10-bit level)
−0.2/+0.25
−0.3/+0.7
LSB
Differential Nonlinearity
DNL
At 54 MHz (at a 10-bit level)
−0.2/+0.25
LSB
Differential Nonlinearity
DNL
At 74 MHz (at a 10-bit level)
±0.8
LSB
Differential Nonlinearity
DNL
At 110 MHz (at an 8-bit level)4
−0.2/+1.5
LSB
DIGITAL INPUTS
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
XTAL High Voltage
VIH
Pin 38
1.2
V
XTAL Low Voltage
VIL
Pin 38
0.4
V
Input High Voltage
VIH
HS_IN, VS_IN low trigger mode
0.7
V
Input Low Voltage
VIL
HS_IN, VS_IN low trigger mode
0.4
V
Input Current
IIN
Pins listed in Note 5
−60
+60
µA
All other input pins
−10
+10
µA
Input Capacitance6
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.4 mA
2.4
V
Output Low Voltage
VOL
ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
ILEAK
Pins listed in Note 7
60
µA
All other output pins
10
µA
Output Capacitance6
COUT
20
pF
POWER REQUIREMENTS6
Digital Core Power Supply
DVDD
1.65
1.8
2
V
Digital I/O Power Supply
DVDDIO
3.0
3.3
3.6
V
PLL Power Supply
PVDD
1.65
1.8
2
V
Analog Power Supply
AVDD
3.15
3.3
3.45
V
Digital Core Supply Current
IDVDD
CVBS input sampling at 54 MHz
82
mA
Graphics RGB sampling at 110 MHz
4
62
mA
Digital I/O Supply Current
IDVDDIO
CVBS input sampling at 54 MHz
2
mA
Graphics RGB sampling at 110 MHz
4
17
mA
PLL Supply Current
IPVDD
54 MHz
10.5
mA
110 MHz
6
mA
Analog Supply Current
IAVDD
CVBS input sampling at 54 MHz
85
mA
Graphics RGB sampling at 110 MHz
4
218
mA
Power-Down Current
IPWRDN
1.5
mA
Green Mode Power-Down
IPWRDNG
Sync bypass function
12.5
mA
Power-Up Time
TPWRUP
20
ms
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C.
3 All ADC linearity tests performed at input range of full scale are −12.5%, and at zero scale they are +12.5%.
4 Specifications for the ADV7400AKSTZ-110 and the ADV7400ABSTZ-110 only.
5 Pins: 1, 2, 3, 13, 14, 16, 19, 24, 29, 30, 31, 32, 33, 34, 35, 45, 79, 83, 84, 87, 88, 95, 96, 97, 100.
6 Guaranteed by characterization.
7 Pins: 45, 34, 33, 32, 31, 30, 29, 24, 14, 13 (P20 to P29).


Numéro de pièce similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

Description similaire - ADV7400AKSTZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com