Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400AKSTZ-80 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADV7400AKSTZ-80
Description  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-80 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADV7400AKSTZ-80 Datasheet HTML 2Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 3Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 4Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 5Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 6Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 9Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADV7400A
Rev. A | Page 6 of 16
ANALOG SPECIFICATIONS
AVDD = 3.1.5 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V, operating temperature range, unless
otherwise noted.
Table 4. Analog Specifications1, ,2 3
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
µF
Input Impedance
Clamps switched off
10
MΩ
Voltage Clamp Level
1.7
V
Large Clamp Source Current
SDP only
0.75
mA
Large Clamp Sink Current
SDP only
0.75
mA
Fine Clamp Source Current
SDP only
60
µA
Fine Clamp Sink Current
SDP only
60
µA
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX:
−40°C to +85°C.
3 Guaranteed by characterization.
THERMAL SPECIFICATIONS
Table 5. Thermal Specifications
Thermal Characteristic
Symbol
Test Conditions
Typ
Unit
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane
7
°C/W
Junction-to-Ambient Thermal Resistance
θJA
4-layer PCB with solid ground plane (still air)
30
°C/W


Numéro de pièce similaire - ADV7400AKSTZ-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

Description similaire - ADV7400AKSTZ-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com