Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7400A Fiches technique(PDF) 7 Page - Analog Devices |
|
ADV7400A Fiches technique(HTML) 7 Page - Analog Devices |
7 / 16 page ADV7400A Rev. A | Page 7 of 16 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating AVDD to AGND 4 V DVDD to DGND 2.2 V PVDD to AGND 2.2 V DVDDIO to DGND 4 V DVDDIO to AVDD −0.3 V to +0.3V PVDD to DVDD −0.3 V to +0.3 V DVDDIO – PVDD −0.3 V to +2 V DVDDIO – DVDD −0.3 V to +2 V AVDD – PVDD −0.3 V to +2 V AVDD – DVDD −0.3 V to +2 V Analog Inputs to AGND AGND − 0.3 V to AVDD + 0.3 V Maximum Junction Temperature (TJ max) 150°C Storage Temperature Range −65°C to +150°C Infrared Reflow Soldering (20 sec) 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - ADV7400A |
|
Description similaire - ADV7400A |