Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC16501DGV Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74AUC16501DGV
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16501DGV Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AUC16501DGV Datasheet HTML 3Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 4Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 5Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 6Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 7Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 8Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 9Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 10Page - Texas Instruments SN74AUC16501DGV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
Operating Characteristics
(1)
SN74AUC16501
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES418 – DECEMBER 2002 – REVISED JUNE 2005
for clocked mode, T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
1 fdata = 5 MHz,
1 fclk = 10 MHz,
Outputs
Cpd
Power
1 fout = 5 MHz,
enabled, 1
(each
dissipation
OEAB = VCC,
29
30
31
35
43
pF
output
bit)(2)
capacitance
OEBA = GND,
switching
LE = GND,
CL = 0 pF
1 fdata = 5 MHz,
1 fclk = 10 MHz,
Outputs
fout = not
Power
disabled,
switching,
Cpd(Z)
dissipation
1 clock
8
8
9
10
13
pF
OEAB = GND,
capacitance and 1 data
OEBA = VCC,
switching
LE = GND,
CL = 0 pF
1 fdata = 0 MHz,
1 fclk = 10 MHz,
Outputs
fout = not
Cpd
Power
disabled,
switching,
(each
dissipation
31
32
32
34
39
pF
clock only
OEAB = GND,
clock)(3)
capacitance
switching
OEBA = VCC,
LE = GND,
CL = 0 pF
(1)
Total device Cpd for multiple (n) outputs switching and (y) clocks inputs switching = {n * Cpd (each output)} + {y * Cpd (each clock)}
(2)
Cpd (each bit) is the Cpd for each data bit (input and output circuitry) as it operates at 5 MHz (the clock is operating at 10 MHz in this
test, but its ICC component has been subtracted out).
(3)
Cpd (each clock) is the Cpd for the clock circuitry only as it operates at 10 MHz.
7


Numéro de pièce similaire - SN74AUC16501DGV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240DGGR TI-SN74AUC16240DGGR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240DGVR TI-SN74AUC16240DGVR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240GQLR TI-SN74AUC16240GQLR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16244 TI-SN74AUC16244 Datasheet
315Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AUC16501DGV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR16601 TI-SN74ALVCHR16601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com