Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EL6839 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce EL6839
Description  Dual 4-Channel Driver with Oscillator and LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6839 Fiches technique(HTML) 1 Page - Intersil Corporation

  EL6839 Datasheet HTML 1Page - Intersil Corporation EL6839 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7227.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
EL6839
Dual 4-Channel Driver with Oscillator and
LVDS
The EL6839 is a high performance,
dual output, laser driver for writeable
DVD drives. The ENA pin enables the
chip, while the SEL1 pin selects the IOUT pin. Various
waveforms can be generated where the amplitude is
determined by the currents flowing into IINR, IIN2, IIN3, and
IIN4. The timing is determined by the signals at WEN2-
WEN2B, WEN3-WEN3B, and WEN4-WEN4B. The oscillator
is enabled when OSEN is high. The amplified IINR current of
the selected channel is enabled when the ENA pin is high.
The total output current is the sum of the read current, the
enabled write currents, and the oscillator current when
enabled.
Usually a voltage DAC will drive a resistor that is in series
with the IINR, IIN2, IIN3, and IIN4 input. The resistor allows
the user to optimize the current gain for each channel.
WEN2-WEN2B, WEN3-WEN3B and WEN4-WEN4B are
LVDS input pins with 100
Ω external termination. Output write
current pulses are enabled when a high is applied to the
WEN2-WEN2B, WEN3-WEN3B, or WEN4-WEN4B pin. The
write current will flow to the selected output. When SEL1 is
high IOUT1 is selected. WENRB enables read and oscillator
current when low.
The RF oscillators frequency is determined by RFREQ1 or
RFREQ2, and its amplitude by RAMP1 or RAMP2.
Features
• Two channels for CD or DVD
• Voltage-controlled output current source requiring one
external set resistor per channel
• LVDS interface
• Rise time = 0.8ns
• Fall time = 0.8ns
• Channel 2 to 250mA max
• Channel 3 to 150mA max
• Channel 4 to 100mA max
• External 100
Ω LVDS termination
• On chip oscillator with frequency and amplitude control by
use of external resistors to ground
• Oscillator frequency to 600MHz
• Oscillator amplitude to 100mAP-P
• Single +5V supply (±10%)
• Chip ENAs for power savings
• Pb-free available
Applications
• Super combo drives
• DVD drives
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. DWG. #
EL6839CL
32-Pin QFN
-
MDP0046
EL6839CL-T7
32-Pin QFN
7”
MDP0046
EL6839CL-T13
32-Pin QFN
13”
MDP0046
EL6839CLZ
(See Note)
32-Pin QFN
(Pb-free)
-
MDP0046
EL6839CLZ-T7
(See Note)
32-Pin QFN
(Pb-free)
7”
MDP0046
EL6839CLZ-
T13 (See Note)
32-Pin QFN
(Pb-free)
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
July 15, 2004
Get FULL DATASHEET


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn