Moteur de recherche de fiches techniques de composants électroniques |
|
KS57P0504 Fiches technique(PDF) 5 Page - Samsung semiconductor |
|
KS57P0504 Fiches technique(HTML) 5 Page - Samsung semiconductor |
5 / 282 page KS57C0502/C0504/P0504 MICROCONTROLLER PRODUCT OVERVIEW 1–5 POWER-DOWN To reduce power consumption, there are two power-down modes: idle and stop. The IDLE instruction initiates idle mode; the STOP instruction initiates stop mode. In idle mode, the CPU clock stops while peripherals continue to operate normally. In stop mode, system clock oscillation stops completely, halting all operations except for a few basic peripheral functions. A power-down is terminated either by a RESET or by an interrupt (with exception of the external interrupt INT0). RESET When RESET is input during normal operation or during power-down mode, a reset operation is initiated and the CPU enters idle mode. When the standard oscillation stabilization time interval (31.3 ms at 4.19 MHz) has elapsed, normal CPU operation resumes. I/O PORTS The KS57C0502/C0504 has seven I/O ports. Pin addresses for all I/O ports are mapped to locations FF0H– FF6H in bank 15 of the RAM. There are 6 input pins and 18 configurable I/O pins including 8 high current I/O pins for a total of 24 I/O pins. The contents of I/O port pin latches can be read, written, or tested at the corresponding address using bit manipulation instructions. TIMERS and TIMER/COUNTER The timer function has three main components: an 8-bit basic timer, an 8-bit timer/counter, and a watch timer. The 8-bit basic timer generates interrupt requests at precise intervals, based on the selected internal clock frequency. The programmable 8-bit timer/counter is used for counting events, modifying internal clock frequencies, and dividing external clock signals. The 8-bit timer/counter generates a clock signal (SCK) for the serial I/O interface. The watch timer consists of an 8-bit watch timer mode register, a clock selector, and a frequency divider circuit. Its functions include real-time, watch-time measurement, and clock generation for frequency output for buzzer sound. SERIAL I/O INTERFACE The serial I/O interface supports the transmission or reception of 8-bit serial data with an external device. The serial interface has the following functional components: — 8-bit mode register — Clock selector circuit — 8-bit buffer register — 3-bit serial clock counter The serial I/O circuit can be set to transmit-and-receive, or to receive-only mode. MSB-first or LSB-first transmission is also selectable. The serial interface can operate with an internal or an external clock source, or using the clock signal generated by the 8-bit timer/counter. Transmission frequency can be modified by setting the appropriate bits in the SIO mode register. |
Numéro de pièce similaire - KS57P0504 |
|
Description similaire - KS57P0504 |