Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-AB8X-XX0ZZ Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-AB8X-XX0ZZ Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 8 page 2 Package Dimensions Device Selection Guide Notes: 1. Tolerance for luminous intensity measurement is ±15% 2. The luminous intensity is measured on the mechanical axis of the lamp package. 3. The optical axis is closely aligned with the package mechanical axis. 4. The dominant wavelength λd is derived from the Chromaticity Diagram and represents the color of the lamp. 5. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper safety equipment. NOTES: DIMENSIONS IN MILLIMETERS (INCHES). FOR BLUE AND GREEN, IF HEAT-SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE. A B Part Number Color Typ. Dominant Wavelength λd (nm) Luminous Intensity Iv (cd) at 20mA Lens Type Standoffs Package Drawing Min. Max. HLMP-AD85-RU0xx Red 630 1.50 4.20 Tinted, diffused No A HLMP-AD87-RU0xx Red 630 1.50 4.20 Tinted, diffused Yes B HLMP-AM86-TW0xx Green 525 2.50 7.20 Tinted, diffused No A HLMP-AM87-TW0xx Green 525 2.50 7.20 Tinted, diffused Yes B HLMP-AB86-MQ0xx Blue 470 0.52 1.50 Tinted, diffused No A HLMP-AB87-MQ0xx Blue 470 0.52 1.50 Tinted, diffused Yes B 0.8 0.016. 5.2±0.2 0.205±.008 2.54±0.3 0.100±0.012 1.0 0.038 0.50±0.10 0.020±0.004 8.55±0.25 0.337±.010 CATHODE LEAD MAX. Epoxy Meniscus MIN. 0.4±0.1 0.016±0.004 24.00±0.20 0.945±0.008 3.8±0.20 0.150±0.008 0.8 0.016. 5.2±0.2 0.205±.008 1.25±0.20 0.049±0.008 2.54±0.3 0.100±0.012 1.0 0.038 0.50±0.10 0.020±0.004 8.55±0.25 0.337±.010 11.80±0.25 0.465±.010 CATHODE LEAD MAX. Epoxy Meniscus MIN. 0.4±0.1 0.016±0.004 24.00±0.20 0.945±0.008 3.8±0.20 0.150±0.008 |
Numéro de pièce similaire - HLMP-AB8X-XX0ZZ |
|
Description similaire - HLMP-AB8X-XX0ZZ |