Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54T1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BAT54T1
Description  SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54T1 Fiches technique(HTML) 1 Page - ON Semiconductor

  BAT54T1 Datasheet HTML 1Page - ON Semiconductor BAT54T1 Datasheet HTML 2Page - ON Semiconductor BAT54T1 Datasheet HTML 3Page - ON Semiconductor BAT54T1 Datasheet HTML 4Page - ON Semiconductor BAT54T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Schottky Barrier Diode
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation, FR–5 Board(1)
@ TA = 25°C
Derate above 25
°C
PF
400
3.2
mW
mW/
°C
Thermal Resistance, Junction to Case
R
θJL
174
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
492
°C/W
Forward Current (DC)
IF
200 Max
mA
Non–Repetitive Peak Forward Current
tp < 10 msec
IFSM
600
mA
Repetitive Peak Forward Current
Pulse Wave = 1 sec, Duty Cycle = 66%
IFRM
300
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
BAT54T1 = BU
1. FR-5 = 1.0 x 0.75 x 0.062 in.
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by BAT54T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BAT54T1
Motorola Preferred Device
CASE 425 – 04, STYLE 1
SOD – 123
1
2
30 VOLT
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODE
© Motorola, Inc. 1997
1
Cathode
2
Anode
REV 4


Numéro de pièce similaire - BAT54T1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BAT54T1 MOTOROLA-BAT54T1 Datasheet
81Kb / 5P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
logo
ON Semiconductor
BAT54T1 ONSEMI-BAT54T1 Datasheet
54Kb / 4P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
logo
Guangdong Kexin Industr...
BAT54T1 KEXIN-BAT54T1 Datasheet
602Kb / 2P
   Schottky Diodes
logo
ON Semiconductor
BAT54T1G ONSEMI-BAT54T1G Datasheet
54Kb / 4P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
BAT54T1G ONSEMI-BAT54T1G Datasheet
62Kb / 4P
   Schottky Barrier Diodes
April, 2014 ??Rev. 10
More results

Description similaire - BAT54T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAT54WT1 ONSEMI-BAT54WT1 Datasheet
78Kb / 4P
   SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
1997 REV 3
logo
Motorola, Inc
BAT54T1 MOTOROLA-BAT54T1 Datasheet
81Kb / 5P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
BAT54WT1 MOTOROLA-BAT54WT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
logo
ON Semiconductor
NSR201MX ONSEMI-NSR201MX Datasheet
168Kb / 7P
   Schottky Barrier Diode for Mixer and Detector
January, 2019 ??Rev. 2
logo
Motorola, Inc
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
BAT54T1 ONSEMI-BAT54T1_05 Datasheet
54Kb / 4P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
MMBD717LT1 ONSEMI-MMBD717LT1_06 Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
logo
Renesas Technology Corp
HSU276 RENESAS-HSU276 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WK RENESAS-HSM88WK Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSU88 RENESAS-HSU88 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com