Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T0800 Fiches technique(PDF) 5 Page - ATMEL Corporation

No de pièce T0800
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800 Fiches technique(HTML) 5 Page - ATMEL Corporation

  T0800 Datasheet HTML 1Page - ATMEL Corporation T0800 Datasheet HTML 2Page - ATMEL Corporation T0800 Datasheet HTML 3Page - ATMEL Corporation T0800 Datasheet HTML 4Page - ATMEL Corporation T0800 Datasheet HTML 5Page - ATMEL Corporation T0800 Datasheet HTML 6Page - ATMEL Corporation T0800 Datasheet HTML 7Page - ATMEL Corporation T0800 Datasheet HTML 8Page - ATMEL Corporation T0800 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
4503D–DVD–02/05
T0800
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Supply voltage
VCC
-0.5 to +6.0
V
Input voltage at IR, I2, I3, I4, I5
V
IN1
-0.5 to +0.5
V
Input voltage at NE2, NE3, NE4, NE5, ENOSC
V
IN2
-0.5 to V
CC +0.5
V
Output voltage
V
OUT
-0.5 to V
CC -1
V
Power dissipation
P
tot
0.7
(1) to 1(2)
W
Junction temperature
T
J
150
°C
Storage temperature range
T
stg
-65 to +125
°C
Notes:
1. R
thJA ≤115 K/W, Tamb = 70°C
2. R
thJA ≤115 K/W, Tamb = 25°C
4.
Thermal Resistance
Parameter
Symbol
Value
(1)
Unit
Junction ambient
R
thJA
115 (SSO24)
35 (QFN28)
K/W
K/W
Note:
1. Measured with multi-layer test board (JEDEC standard JESD51-7)
5.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply voltage range
V
CC
4.5 to 5.5
V
Input current
I
IR, II2, II3, II4, II5
< 2.5
mA
External resistor to GND to set oscillator
frequency
RFA, RFB
> 3
k
External resistor to GND to set oscillator swing
RSA, RSB
> 100
Operating temperature range
T
amb
0 to +70
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn