Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T0800 Fiches technique(PDF) 1 Page - ATMEL Corporation

No de pièce T0800
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800 Fiches technique(HTML) 1 Page - ATMEL Corporation

  T0800 Datasheet HTML 1Page - ATMEL Corporation T0800 Datasheet HTML 2Page - ATMEL Corporation T0800 Datasheet HTML 3Page - ATMEL Corporation T0800 Datasheet HTML 4Page - ATMEL Corporation T0800 Datasheet HTML 5Page - ATMEL Corporation T0800 Datasheet HTML 6Page - ATMEL Corporation T0800 Datasheet HTML 7Page - ATMEL Corporation T0800 Datasheet HTML 8Page - ATMEL Corporation T0800 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Current-controlled Output Current Source with 5 Input Channels
2 Selectable Outputs for Grounded Laser Diodes
Output Current per Channel up to 200 mA
Total Output Current up to 250 mA
Rise Time 1.0 ns/Fall Time 1.1 ns
On-chip RF Oscillator
Control of 2 Different Frequencies and Swings by Use of 4 External Resistors
Oscillator Frequency Range from 200 MHz to 600 MHz
Oscillator Swing to 100 mA
Single 5-V Power Supply
Common Enable/Disable Input
TTL/CMOS Control Signals
Small SSO24 Package and QFN28 Package
Applications
Combo Drives (DVD + CD-RW)
DVD-RAM with CD-RW Capability
DVD-RW with CD-RW Capability
1.
Description
The T0800 is a laser diode driver for the operation of two different, grounded laser
diodes for DVD-RAM (650 nm) and CD-RW (780 nm). It includes five channels for five
different optical power levels which are controlled by a separate IC. The read channel
generates a continuous output level. The channels 2 to 5 are provided as write chan-
nels with very fast switching speeds. When a low signal is applied to the NE pins, write
current pulses are enabled. All channels are summed together and switched to one of
the two outputs IOUTA or IOUTB by the select input SELA. Each channel can contrib-
ute up to 200 mA to the total output current of up to 250 mA. A total gain of 100 is
provided between each reference current input and the selected output. Although the
reference inputs are current inputs, voltage control is possible by using external resis-
tors. An on-chip RF oscillator reduces laser mode hopping noise during read mode.
Frequency and swing can be set independently for the two selectable outputs with two
pairs of resistors. Oscillation is enabled by a high signal at the ENOSC pin. Complete
output current and oscillator switch-off is achieved by a low signal at the ENABLE
input.
5-Channel Laser
Driver with RF
Oscillator and
2Outputs
T0800
Rev. 4503D–DVD–02/05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn