Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6562DQ Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI6562DQ
Description  N- and P-Channel 2.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6562DQ Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI6562DQ Datasheet HTML 1Page - Vishay Siliconix SI6562DQ Datasheet HTML 2Page - Vishay Siliconix SI6562DQ Datasheet HTML 3Page - Vishay Siliconix SI6562DQ Datasheet HTML 4Page - Vishay Siliconix SI6562DQ Datasheet HTML 5Page - Vishay Siliconix SI6562DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si6562DQ
Vishay Siliconix
Document Number: 70720
S-56944—Rev. B, 23-Nov-98
www.vishay.com
S FaxBack 408-970-5600
2-1
N- and P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
20
0.030 @ VGS = 4.5 V
"4.5
N-Channel
20
0.040 @ VGS = 2.5 V
"3.9
P-Channel
–20
0.050 @ VGS = –4.5 V
"3.5
P-Channel
–20
0.085 @ VGS = –2.5 V
"2.7
Si6562DQ
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
D
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
–20
V
Gate-Source Voltage
VGS
"12
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"4.5
"3.5
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"3.6
"2.7
A
Pulsed Drain Current
IDM
"30
"30
A
Continuous Source Current (Diode Conduction)a
IS
1.25
–1.25
Maximum Power Dissipationa
TA = 25_C
PD
1.0
W
Maximum Power Dissipationa
TA = 70_C
PD
0.64
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N- or P-Channel
Unit
Maximum Junction-to-Ambienta
RthJA
125
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.


Numéro de pièce similaire - SI6562DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6562DQ VISHAY-SI6562DQ Datasheet
125Kb / 7P
   N- and P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6562DQ VISHAY-SI6562DQ_V01 Datasheet
125Kb / 7P
   N- and P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Description similaire - SI6562DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4562DY-T1-E3 VISHAY-SI4562DY-T1-E3 Datasheet
272Kb / 10P
   N- and P-Channel 2.5-V (G-S) MOSFET
Rev. B, 02-Feb-09
logo
Guangdong Kexin Industr...
KI4562DY KEXIN-KI4562DY Datasheet
56Kb / 2P
   N- and P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI4562DY VISHAY-SI4562DY_06 Datasheet
124Kb / 7P
   N- and P-Channel 2.5-V (G-S) MOSFET
Rev. B, 04-Apr-06
SI6562DQ VISHAY-SI6562DQ_V01 Datasheet
125Kb / 7P
   N- and P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI4562DY VISHAY-SI4562DY_V01 Datasheet
131Kb / 7P
   N- and P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI4562DY VISHAY-SI4562DY Datasheet
74Kb / 6P
   N- and P-Channel 2.5-V (G-S) MOSFET
Rev. A, 29-Sep-97
SI9529DY VISHAY-SI9529DY Datasheet
55Kb / 6P
   Dual N- and P-Channel 2.5-V (G-S) Rated MOSFET
Rev. D, 18-Dec-96
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com