Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV202-SD-EB Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV202-SD-EB
Description  JPEG2000 Video Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV202-SD-EB Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV202-SD-EB Datasheet HTML 4Page - Analog Devices ADV202-SD-EB Datasheet HTML 5Page - Analog Devices ADV202-SD-EB Datasheet HTML 6Page - Analog Devices ADV202-SD-EB Datasheet HTML 7Page - Analog Devices ADV202-SD-EB Datasheet HTML 8Page - Analog Devices ADV202-SD-EB Datasheet HTML 9Page - Analog Devices ADV202-SD-EB Datasheet HTML 10Page - Analog Devices ADV202-SD-EB Datasheet HTML 11Page - Analog Devices ADV202-SD-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADV202
Rev. 0 | Page 8 of 40
DREQ/DACK DMA MODE—SINGLE FIFO WRITE OPERATION
Table 6.
Parameter
Description
Min
Typ
Max
Unit
DREQPULSE1
DREQ Pulse Width
1
15
JCLK cycles2
t
DREQ
DACK Assert to Subsequent DREQ Delay
2.5
3.5 × JCLK + 7.5 ns
JCLK cycles
t
WESU
WE to DACK Setup
0
ns
tSU
Data to DACK Deassert Setup
2
ns
tHD
Data to DACK Deassert Hold
2
ns
DACKLO
DACK Assert Pulse Width
2
JCLK cycles
DACKHI
DACK Deassert Pulse Width
2
JCLK cycles
t
WEHD
WE Hold after DACK Deassert
0
ns
WFSRQ
WE Assert to FSRQ Deassert (FIFO Full)
1.5
2.5 × JCLK + 7.5 ns
JCLK cycles
t
DREQRTN
DACK to DREQ Deassert (DR × PULS = 0)
2.5
3.5 × JCLK + 7.5 ns
JCLK cycles
1 Applies to assigned DMA channel, if EDMOD0 or EDMOD1 <14:11> is programmed to a value that is not 0. Pulse width depends on the value programmed.
2 For a definition of JCLK, see the PLL section.
WE
DACK
DREQ
HDATA
3
2
1
0
DREQPULSE
tDREQ
DACKHI
DACKLO
tWESU
tSU
tHD
tWEHD
Figure 5. Single Write for DREQ/DACK DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1 <14:11> NOT Programmed to a Value of 0000)
WE
DACK
DREQ
HDATA
0
1
2
tDREQRTN
DACKHI
DACKLO
tWESU
tSU
tHD
tWEHD
Figure 6. Single Write for DREQ/DACK DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1 <14:11> Programmed to a Value of 0000)


Numéro de pièce similaire - ADV202-SD-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV202 AD-ADV202 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202BBCZ-115 AD-ADV202BBCZ-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202BBCZ-135 AD-ADV202BBCZ-135 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202BBCZ-150 AD-ADV202BBCZ-150 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
More results

Description similaire - ADV202-SD-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com