Moteur de recherche de fiches techniques de composants électroniques |
|
AD45048ARZ Fiches technique(PDF) 5 Page - Analog Devices |
|
AD45048ARZ Fiches technique(HTML) 5 Page - Analog Devices |
5 / 8 page AD45048 Rev. A | Page 5 of 8 TYPICAL PERFORMANCE CHARACTERISTICS 25 –25 –5 –10 –15 –20 0 5 10 15 20 10k 100k 1M 10M 1G 100M FREQUENCY (Hz) G = +10 G = +5 G = +2 G = +1 – + 499 Ω 25 Ω RG Figure 3. Noninverting Small Signal Bandwidth (VS = ±6 V, VO = 0.1 V p-p, RL = 25 Ω) 25 –25 –20 –15 –10 –5 0 5 10 15 20 10k 100k 1M 10M 100M 1G FREQUENCY (Hz) G = –10 G = –5 G = –2 G = –1 – + 5k Ω 25 Ω RG Figure 4. Inverting Small Signal Bandwidth (VS = ±6 V, VO = 0.1 V p-p, RL = 25 Ω) –40 –80 –70 –60 –50 0 5 10 15 20 dBm (100 Ω) Figure 5. MTPR vs. Line Power (See Schematic in Figure 8) 25 –25 –20 –15 –10 –5 0 5 10 15 20 10k 100k 1M 10M 100M 1G FREQUENCY (Hz) G = +10 G = +5 G = +2 G = +1 – + 499 Ω 25 Ω RG Figure 6. Noninverting Large Signal Bandwidth (VS = ±6 V, VO = 1 V p-p, RL = 25 Ω) 25 –25 –20 –15 –10 –5 0 5 10 15 20 10k 100k 1M 10M 100M 1G FREQUENCY (Hz) G = –10 G = –5 G = –2 G = –1 – + 5k Ω 25 Ω RG Figure 7. Inverting Large Signal Bandwidth (VS = ±6 V, VO = 1 V p-p, RL = 25 Ω) 1 OUT +VIN U1A AD45048 8 V+ +12V 2 3 R1 499 Ω R2 3k Ω R3 12.5 Ω 7 OUT –VIN U1B AD45048 4 V– 5 6 R4 499 Ω R5 3k Ω R6 12.5 Ω TX1 1:2 R3 100 Ω +6V 0.1 μF 4.7 μF TANT Figure 8. Differential Test Circuit for MTPR |
Numéro de pièce similaire - AD45048ARZ |
|
Description similaire - AD45048ARZ |