Moteur de recherche de fiches techniques de composants électroniques |
|
AD45048ARZ Fiches technique(PDF) 4 Page - Analog Devices |
|
AD45048ARZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 8 page AD45048 Rev. A | Page 4 of 8 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage 26.4 V Power Dissipation (TJMAX – TA)/θJA1 Storage Temperature −65°C to +125°C Operating Temperature Range −40°C to +85°C Lead Temperature Range (Soldering 10 sec) 300°C Junction Temperature 150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 1 θJA = 112.7°C/W for SOIC package in still air based on 2S2P JEDEC PCB. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - AD45048ARZ |
|
Description similaire - AD45048ARZ |