Moteur de recherche de fiches techniques de composants électroniques |
|
AD45048AR-REEL Fiches technique(PDF) 8 Page - Analog Devices |
|
AD45048AR-REEL Fiches technique(HTML) 8 Page - Analog Devices |
8 / 8 page AD45048 Rev. A | Page 8 of 8 OUTLINE DIMENSIONS 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) × 45° 8° 0° 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 4 1 85 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012-AA Figure 15. 8-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-8) Dimensions shown in millimeters and (inches) ORDERING GUIDE Model Temperature Range Package Description Package Option AD45048AR −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 AD45048AR-REEL −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 AD45048AR-REEL7 −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 AD45048ARZ1 −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 AD45048ARZ-REEL1 −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 AD45048ARZ-REEL71 −40°C to +85°C 8-Lead Standard Small Outline Package (SOIC_N) R-8 1 Z = Pb-free part. © 2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04817–0–9/05(A) |
Numéro de pièce similaire - AD45048AR-REEL |
|
Description similaire - AD45048AR-REEL |