Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD45048AR-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD45048AR-REEL
Description  Rail-to-Rail Upstream ADSL Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD45048AR-REEL Fiches technique(HTML) 5 Page - Analog Devices

  AD45048AR-REEL Datasheet HTML 1Page - Analog Devices AD45048AR-REEL Datasheet HTML 2Page - Analog Devices AD45048AR-REEL Datasheet HTML 3Page - Analog Devices AD45048AR-REEL Datasheet HTML 4Page - Analog Devices AD45048AR-REEL Datasheet HTML 5Page - Analog Devices AD45048AR-REEL Datasheet HTML 6Page - Analog Devices AD45048AR-REEL Datasheet HTML 7Page - Analog Devices AD45048AR-REEL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD45048
Rev. A | Page 5 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
25
–25
–5
–10
–15
–20
0
5
10
15
20
10k
100k
1M
10M
1G
100M
FREQUENCY (Hz)
G = +10
G = +5
G = +2
G = +1
+
499
Ω
25
Ω
RG
Figure 3. Noninverting Small Signal Bandwidth
(VS = ±6 V, VO = 0.1 V p-p, RL = 25 Ω)
25
–25
–20
–15
–10
–5
0
5
10
15
20
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
G = –10
G = –5
G = –2
G = –1
+
5k
Ω
25
Ω
RG
Figure 4. Inverting Small Signal Bandwidth
(VS = ±6 V, VO = 0.1 V p-p, RL = 25 Ω)
–40
–80
–70
–60
–50
0
5
10
15
20
dBm (100
Ω)
Figure 5. MTPR vs. Line Power (See Schematic in Figure 8)
25
–25
–20
–15
–10
–5
0
5
10
15
20
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
G = +10
G = +5
G = +2
G = +1
+
499
Ω
25
Ω
RG
Figure 6. Noninverting Large Signal Bandwidth
(VS = ±6 V, VO = 1 V p-p, RL = 25 Ω)
25
–25
–20
–15
–10
–5
0
5
10
15
20
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
G = –10
G = –5
G = –2
G = –1
+
5k
Ω
25
Ω
RG
Figure 7. Inverting Large Signal Bandwidth
(VS = ±6 V, VO = 1 V p-p, RL = 25 Ω)
1
OUT
+VIN
U1A
AD45048
8
V+
+12V
2
3
R1
499
Ω
R2
3k
Ω
R3
12.5
Ω
7
OUT
–VIN
U1B
AD45048
4
V–
5
6
R4
499
Ω
R5
3k
Ω
R6
12.5
Ω
TX1
1:2
R3
100
Ω
+6V
0.1
μF
4.7
μF
TANT
Figure 8. Differential Test Circuit for MTPR


Numéro de pièce similaire - AD45048AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Description similaire - AD45048AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com