Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSPW515B Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce NSPW515B
Description  SPECIFICATIONS FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NSPW515B Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  NSPW515B Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPW515B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
-2-
Nichia STSE-CW2165A
<Cat.No.020826>
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
According to the
total delivery amount, cardboard boxes will be used to protect the LEDs from mechanical shocks during
transportation.
Please refer to figure’s page.
The label on the minimum packing unit bag shows;
Part Number, Lot Number, Ranking, Quantity
· The boxes are not water resistant and therefore must be kept away from water and moisture.
5.LOT NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
"#$$$$
- !%
"
- Year
( 1 for 2001, 2 for 2002 )
#
- Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov.)
$$$$
- Nichia's Product Number
! - Ranking by Color Coordinates
%
- Ranking by Luminous Intensity


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPG636AS SPECIFICATIONS FOR NICHIA GREEN LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSHU590B SPECIFICATIONS FOR NICHIA UV LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB310A SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB320 SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPR546CS SPECIFICATIONS FOR NICHIA RED LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn