Moteur de recherche de fiches techniques de composants électroniques |
|
GS74116AJ-10IT Fiches technique(PDF) 10 Page - GSI Technology |
|
GS74116AJ-10IT Fiches technique(HTML) 10 Page - GSI Technology |
10 / 14 page Rev: 1.03 10/2002 10/14 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS74116ATP/J/X 44-Pin, 400 mil SOJ 122 23 44 e B1 D y Q c L Detail A A B Notes: 1. Dimension D& E do not include interlead flash 2. Dimension B1 does not include dambar protrusion / intrusion 3. Controlling dimension: inches Symbol Dimension in inch Dimension in mm min nom max min nom max A — — 0.148 — — 3.759 A1 0.025 — — 0.635 — — A2 0.105 0.110 0.115 2.667 2.794 2.921 B — 0.018 — — 0.457 — B1 0.026 0.028 0.032 0.660 0.711 0.813 c — 0.008 — — 0.203 — D 1.120 1.125 1.130 28.44 28.58 28.70 E 0.395 0.400 0.405 10.033 10.160 10.287 e — 0.05 — — 1.27 — HE 0.435 0.440 0.445 11.049 11.176 11.303 GE 0.360 0.370 0.380 9.144 9.398 9.652 L 0.082 0.087 0.106 2.083 2.210 2.70 y — — 0.004 — — 0.102 Q 0o — 7o 0o — 7o |
Numéro de pièce similaire - GS74116AJ-10IT |
|
Description similaire - GS74116AJ-10IT |