Moteur de recherche de fiches techniques de composants électroniques |
|
GS74116AX-7I Fiches technique(PDF) 7 Page - GSI Technology |
|
GS74116AX-7I Fiches technique(HTML) 7 Page - GSI Technology |
7 / 14 page Rev: 1.03 10/2002 7/14 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS74116ATP/J/X Read Cycle 2: WE = VIH * These parameters are sampled and are not 100% tested. Write Cycle Parameter Symbol -7 -8 -10 -12 Unit Min Max Min Max Min Max Min Max Write cycle time tWC 7 — 8 — 10 — 12 — ns Address valid to end of write tAW 5 — 5.5 — 7 — 8 — ns Chip enable to end of write tCW 5 — 5.5 — 7 — 8 — ns Byte enable to end of write tBW 5 — 5.5 — 7 — 8 — ns Data set up time tDW 3.5 — 4 — 4.5 — 6 — ns Data hold time tDH 0 — 0 — 0 — 0 — ns Write pulse width tWP 5 — 5.5 — 7 — 8 — ns Address set up time tAS 0 — 0 — 0 — 0 — ns Write recovery time (WE) tWR 0—0—0—0 — ns Write recovery time (CE) tWR1 0 —0—0—0— ns Output Low Z from end of write tWLZ* 3—3—3—3 — ns Write to output in High Z tWHZ* —3— 3.5 —4—5 ns tAA tRC Address tAC tLZ tAB tBLZ tOE tOLZ CE UB, LB OE Data Out tHZ tBHZ tOHZ Data valid High impedance |
Numéro de pièce similaire - GS74116AX-7I |
|
Description similaire - GS74116AX-7I |