Moteur de recherche de fiches techniques de composants électroniques |
|
CDB4398 Fiches technique(PDF) 10 Page - Cirrus Logic |
|
CDB4398 Fiches technique(HTML) 10 Page - Cirrus Logic |
10 / 46 page 10 DS568F1 CS4398 COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam- ple rate by multiplying the given characteristic by Fs.) (See note 9.) 4. Slow Roll-off interpolation filter is only available in Control Port mode. 5. Filter response is guaranteed by design. 6. Response is clock-dependent and will scale with Fs. 7. For Single-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs. For Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs. For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs. 8. De-emphasis is available only in Single-Speed Mode; Only 44.1 kHz De-emphasis is available in Stand- Alone mode. 9. Amplitude vs. Frequency plots of this data are available in the “Appendix” on page 41. Parameter Fast Roll-Off Unit Min Typ Max Combined Digital and On-Chip Analog Filter Response - Single-Speed Mode - 48 kHz (Note 5) Passband (Note 6) to -0.01 dB corner to -3 dB corner 0 0 - - .454 .499 Fs Fs Frequency Response 10 Hz to 20 kHz -0.01 - +0.01 dB StopBand 0.547 - - Fs StopBand Attenuation (Note 7) 102 - - dB Group Delay - 9.4/Fs - s De-emphasis Error (Note 8) Fs = 32 kHz (Relative to 1 kHz) Fs = 44.1 kHz Fs = 48 kHz - - - - - - ±0.23 ±0.14 ±0.09 dB dB dB Combined Digital and On-Chip Analog Filter Response - Double-Speed Mode - 96 kHz (Note 5) Passband (Note 6) to -0.01 dB corner to -3 dB corner 0 0 - - .430 .499 Fs Fs Frequency Response 10 Hz to 20 kHz -0.01 - 0.01 dB StopBand .583 - - Fs StopBand Attenuation (Note 7) 80 - - dB Group Delay - 4.6/Fs - s Combined Digital and On-Chip Analog Filter Response - Quad-Speed Mode - 192 kHz (Note 5) Passband (Note 6) to -0.01 dB corner to -3 dB corner 0 0 - - .105 .490 Fs Fs Frequency Response 10 Hz to 20 kHz -0.01 - 0.01 dB StopBand .635 - - Fs StopBand Attenuation (Note 7) 90 - - dB Group Delay - 4.7/Fs - s |
Numéro de pièce similaire - CDB4398 |
|
Description similaire - CDB4398 |