Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1083 Fiches technique(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

No de pièce TDA1083
Description  One Chip AM/FM Radio with Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Site Internet  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TDA1083 Fiches technique(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TDA1083 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA1083
One Chip AM/FM Radio with Audio Power Amplifier
www.artschip.com
1
Description
The integrated circuit TDA1083 includes, with exception of the
FM front end, a complete AM-FM-radio-circuit with audio
power amplifier. An internal Z-diode stabilizes the supply
voltage at Vs=13V, which allows with the aid of a resistor and
a rectifier, the circuit to be driven by a higher external supply
voltage.
Applications
AM-/FM- and audio-amplifier
Features
Large supply voltage range VS=3 to 12V
High AM-Sensitivity
Limiting threshold voltage Vi=50µV
Audio output power P0=0.7W
AFC-connection for VHF-tuner
AM-FM switching without high frequency voltages
Figure 1. Block diagram and pin connections
Absolute Maximum Ratings
Reference points Pin 3 and 11, unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage range
Pin 13
Vs
3 to 12
Supply current when using the integrated stabilization
Circuit, Vs = 12.5 to 14.3V
Pin 13
Is
50
mA
Power dissipation
Tamb=65℃
Ptot
600
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-25 to 125
Thermal Resistance
Parameters
Symbol
Maximum
Unit
Junction ambient
RthJA
100
K/W


Numéro de pièce similaire - TDA1083

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
More results

Description similaire - TDA1083

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
STMicroelectronics
TDA7222 STMICROELECTRONICS-TDA7222 Datasheet
289Kb / 7P
   3V AM/FM ONE-CHIP RADIO
logo
Toshiba Semiconductor
TA7613AP TOSHIBA-TA7613AP Datasheet
541Kb / 7P
   AM/FM RADIO IC WITH POWER AMPLIFIER
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Samsung semiconductor
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com