Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4AM16 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 4AM16
Description  Silicon N-Channel/P-Channel Power MOSFET Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AM16 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  4AM16 Datasheet HTML 1Page - Hitachi Semiconductor 4AM16 Datasheet HTML 2Page - Hitachi Semiconductor 4AM16 Datasheet HTML 3Page - Hitachi Semiconductor 4AM16 Datasheet HTML 4Page - Hitachi Semiconductor 4AM16 Datasheet HTML 5Page - Hitachi Semiconductor 4AM16 Datasheet HTML 6Page - Hitachi Semiconductor 4AM16 Datasheet HTML 7Page - Hitachi Semiconductor 4AM16 Datasheet HTML 8Page - Hitachi Semiconductor 4AM16 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4AM16
4
Electrical Characteristics (Ta = 25°C)
P channel
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–60
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
±10
µA
V
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–250
µA
V
DS = –50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
R
DS(on)
0.15
0.20
I
D = –4 A, VGS = –10 V*
1
resistance
0.20
0.27
I
D = –4 A, VGS = –4 V*
1
Forward transfer admittance
|y
fs|
3.5
6.0
S
I
D = –4 A
V
DS = –10 V*
1
Input capacitance
Ciss
900
pF
V
DS = –10 V
Output capacitance
Coss
460
pF
V
GS = 0
Reverse transfer capacitance
Crss
130
pF
f = 1 MHz
Turn-on delay time
t
d(on)
8
ns
I
D = –4 A
Rise time
t
r
50
ns
V
GS = –10 V
Turn-off delay time
t
d(off)
180
ns
R
L = 7.5 Ω
Fall time
t
f
95
ns
Body to drain diode forward
voltage
V
DF
–1.2
V
I
F = –8 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
185
ns
I
F = –8 A, VGS = 0,
diF/dt = 50 A/µs
Note:
1. Pulse Test


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP01 8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode  1  2  3  4  5  Supertex, Inc
4AK25 Silicon N-Channel Power MOS FET Array 1  2  3  4  5  More Hitachi Semiconductor
4AM13 Silicon N-Channel/P-Channel Power MOS FET Array 1  2  3  4  5  More Hitachi Semiconductor
2SK512 SILICON C-CHANNEL MOSFET HIGH SPEED POWER SWITCHING 1  2  3  List of Unclassifed Manufacturers
RD70HHF1 Silicon MOSFET Power Transistor 30MHz 70W 1  2  3  4  5  More Mitsubishi Electric Semiconductor
2SK3926-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK900 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
4AK26 Silicon N-Channel Power MOS FET Array 1  2  3  4  5  More Hitachi Semiconductor
4AM11 Silicon N-Channel/P-Channel Power MOS FET Array 1  2  3  4  5  More Hitachi Semiconductor
UPA1438H NPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1  2  3  4  NEC

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn