Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5087 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce 2N5087
Description  Amplifier Transistor(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5087 Fiches technique(HTML) 1 Page - ON Semiconductor

  2N5087 Datasheet HTML 1Page - ON Semiconductor 2N5087 Datasheet HTML 2Page - ON Semiconductor 2N5087 Datasheet HTML 3Page - ON Semiconductor 2N5087 Datasheet HTML 4Page - ON Semiconductor 2N5087 Datasheet HTML 5Page - ON Semiconductor 2N5087 Datasheet HTML 6Page - ON Semiconductor 2N5087 Datasheet HTML 7Page - ON Semiconductor 2N5087 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Amplifier Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
50
Vdc
Collector–Base Voltage
VCBO
50
Vdc
Emitter–Base Voltage
VEBO
3.0
Vdc
Collector Current — Continuous
IC
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
50
Vdc
Collector Cutoff Current
(VCB = 35 Vdc, IE = 0)
ICBO
50
nAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
50
nAdc
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductort
November, 2001 – Rev. 1
1
Publication Order Number:
2N5087/D
2N5087
ON Semiconductor Preferred Device
CASE 29–11, STYLE 1
TO–92 (TO–226AA)
1
2
3
COLLECTOR
3
2
BASE
1
EMITTER


Numéro de pièce similaire - 2N5087

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
Micro Electronics
2N5087 MICRO-ELECTRONICS-2N5087 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
More results

Description similaire - 2N5087

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
   PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
   Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
   Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_08 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
   Amplifier Transistor(PNP Silicon)
1996
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com