Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4402 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2N4402
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4402 Fiches technique(HTML) 4 Page - ON Semiconductor

  2N4402 Datasheet HTML 1Page - ON Semiconductor 2N4402 Datasheet HTML 2Page - ON Semiconductor 2N4402 Datasheet HTML 3Page - ON Semiconductor 2N4402 Datasheet HTML 4Page - ON Semiconductor 2N4402 Datasheet HTML 5Page - ON Semiconductor 2N4402 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4402 2N4403
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
6
8
10
0
4
2
0.1
2.0 5.0
10
20
50
1.0
0.5
0.2
0.01 0.02
0.05
100
Figure 8. Frequency Effects
f, FREQUENCY (kHz)
SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = –10 Vdc, TA = 25°C
Bandwidth = 1.0 Hz
IC = 1.0 mA, RS = 430 Ω
IC = 500 µA, RS = 560 Ω
IC = 50 µA, RS = 2.7 kΩ
IC = 100 µA, RS = 1.6 kΩ
RS = OPTIMUM SOURCE RESISTANCE
50
100
200
500
1 k
2 k
5 k
10 k
20 k
50 k
6
8
10
0
4
2
Figure 9. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
f = 1 kHz
IC = 50 µA
100
µA
500
µA
1.0 mA
h PARAMETERS
VCE = –10 Vdc, f = 1.0 kHz, TA = 25°C
This group of graphs illustrates the relationship between
hfe and other “h” parameters for this series of transistors. To
obtain these curves, a high–gain and a low–gain unit were
selected from both the 2N4402 and 2N4403 lines, and the
same units were used to develop the correspondingly–
numbered curves on each graph.
Figure 10. Current Gain
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
300
700
30
200
100
1000
Figure 11. Input Impedance
IC, COLLECTOR CURRENT (mAdc)
100 k
100
50
5.0 7.0
20 k
10 k
5 k
2 k
1 k
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
5.0 7.0
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
0.1
20
Figure 13. Output Admittance
IC, COLLECTOR CURRENT (mAdc)
500
1.0
5.0 7.0
50
20
10
5.0
2.0
5.0
2.0
1.0
0.5
0.2
2N4403 UNIT 1
2N4403 UNIT 2
2N4402 UNIT 1
2N4402 UNIT 2
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
5.0 7.0
500
70
50 k
500
200
2N4403 UNIT 1
2N4403 UNIT 2
2N4402 UNIT 1
2N4402 UNIT 2
2N4403 UNIT 1
2N4403 UNIT 2
2N4402 UNIT 1
2N4402 UNIT 2
10
2N4403 UNIT 1
2N4403 UNIT 2
2N4402 UNIT 1
2N4402 UNIT 2
100


Numéro de pièce similaire - 2N4402

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
   PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Nanjing International G...
2N4402 DGNJDZ-2N4402 Datasheet
120Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Fairchild Semiconductor
2N4402 FAIRCHILD-2N4402 Datasheet
26Kb / 2P
   PNP General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
2N4402 SEMTECH_ELEC-2N4402 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Micro Electronics
2N4402 MICRO-ELECTRONICS-2N4402 Datasheet
189Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Description similaire - 2N4402

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com