Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033LU Datasheet(Fiches technique) 1 Page - Sanken electric

Numéro de pièce SI-3033LU
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3033LU Datasheet(HTML) 1 Page - Sanken electric

  SI-3033LU Datasheet HTML 1Page - Sanken electric SI-3033LU Datenblatt HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Input Voltage
DC Output Current
Ambient Operating Temperature
Symbol
VIN
IO
Top
sFeatures
• Compact surface-mount package (SOT-89-5)
• Output current: 250 mA
• Low current consumption lq (OFF)
≤ 1
µA (VC = 0 V)
• Low dropout voltage: VDIF
≤0.5 V (at IO = 250 mA)
• 5 types of output voltages (Adj, 1.8 V, 2.5 V, 3.3 V, 5.0 V) available
• Built-in dropping type overcurrent, thermal protection circuits
sApplications
• Auxiliary power supply for PC
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
SI-3000LU Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
qSI-3000LU Series
Ratings
min.
max.
*2, *3
VO+2*1
0
250
–20
85
Unit
V
mA
°C
Unit
V
mA
W
°C
°C
°C/W
Ratings
18
250
0.75
–40 to +135
–40 to +125
146
Symbol
VIN
IO
PD*1
Tj*2
Top*2
θ j-a*1
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
(Ta=25
°C)
*1: When mounted on glass-epoxy board 40
× 40 mm (copper laminate area 2%)
*2: Thermal protection circuits may operate if the junction temperature exceeds 135
°C
sRecommended Operating Conditions
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO)
× IO.
Calculate these values referring to the reference data.
*2: Refer to the dropout voltage section.
*3: For the SI-3012LU, set the input voltage to at least 2.4 V, and secure the minimum voltage as explained in Setting DC Input Voltage,
Dropper Type Application Note.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn