Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RC5050 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce RC5050
Description  Programmable DC-DC Converter for Lo Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

RC5050 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  RC5050 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
RC5050
PRODUCT SPECIFICATION
2
Pin Assignments
Pin Definitions
Pin
Number
Pin
Name
Pin Function Description
1
CEXT
Oscillator Capacitor Connection. Connecting an external capacitor to this pin sets the
internal oscillator frequency. Layout of this pin is critical to system performance. See
Application Information for details.
2
ENABLE
Output Enable. Open collector/TTL input. Logic LOW will disable output. A 10K
Ω internal
pull-up resistor assures correct operation if pin is left unconnected.
3
PWRGD
Power Good Flag. Open collector output will be at logic HIGH under normal operation.
Logic LOW indicates output voltage is not within
±12% of nominal.
4
IFB
High Side Current Feedback. Pins 4 and 5 are used as the inputs for the current feedback
control loop and as the short circuit current sense points. Layout of these traces is critical
to system performance. See Application Information for details.
5
VFB
Voltage Feedback. Pin 5 is used as the input for the voltage feedback control loop and as
the low side current feedback input. Layout of this trace is critical to system performance.
See Application Information for details.
6
VCCA
Analog Vcc. Connect to system 5V supply and decouple to ground with 0.1
µF ceramic
capacitor.
7
VCCD
Digital Vcc. Connect to system 5V supply and decouple to ground with 4.7
µF tantalum
capacitor.
8
VID4
VID4 Input. A logic 1 on this open collector/TTL input will enable the VID3–VID0 inputs to
set the output from 2.1V to 3.5V, and a logic 0 on this pin will set the output from 1.3V to
2.05V, as shown in Table 1. Pullup resistors are internal to the controller.
9, 11
NC
No Internal Connection. Connection of these pins to system ground will improve the
thermal dissipation characteristics of the package.
10
GNDP
Power Ground. Return pin for high currents flowing in pins 12 and 13 (HIDRV and
VCCQP). Connect to low impedance ground.
12
HIDRV
FET Driver Output. Connect this pin to the gates of N-channel MOSFETs M1 and M2 in
Figure 1. The trace from this pin to the MOSFET gates should be < 0.5".
13
VCCQP
Power Vcc. This is the power supply for the FET driver. VCCQP must be connected to a
voltage of at least VCCA + VGS,ON (M1). See Application Information for details.
14
GNDD
Digital Ground. Return path for digital logic. This pin should be connected to system
ground to minimize ground loops.
15
GNDA
Analog Ground. Return path for low power analog circuitry. Connect to system ground to
minimize ground loops.
16
VREF
Reference Voltage Test Point. This pin provides access to the DAC output and should be
decoupled to ground using a 0.1
µF capacitor. No load should be connected.
17–20
VID3–
VID0
Voltage Identification (VID) Code Inputs. These open collector/TTL compatible inputs will
program the output voltage over the ranges specified in Table 1. Pullup resistors are
internal to the controller.
1
2
3
4
5
6
8
7
VID0
VID1
VID2
VID3
VREF
GNDA
VCCQP
GNDD
20
19
18
17
16
15
13
9
12
10
11
14
CEXT
ENABLE
PWRGD
IFB
VFB
VCCA
VID4
VCCD
NC
HIDRV
GNDP
NC
65-5050-02


Numéro de pièce similaire - RC5050

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results

Description similaire - RC5050

FabricantNo de pièceFiches techniqueDescription
logo
Raytheon Company
RC5042 RAYTHEON-RC5042 Datasheet
254Kb / 6P
   Programmable DC-DC Converter
logo
ON Semiconductor
LV52134A ONSEMI-LV52134A Datasheet
845Kb / 15P
   Programmable DC-DC Converter
March 2017- Rev. P2
logo
C&D Technologies
6-PAK CANDD-6-PAK Datasheet
651Kb / 4P
   PROGRAMMABLE DC/DC CONVERTER
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
C&D Technologies
VRK81B080CS CANDD-VRK81B080CS Datasheet
109Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Sanyo Semicon Device
2SJ637 SANYO-2SJ637 Datasheet
57Kb / 4P
   DC/DC FOR CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com