Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMS25C06HC Fiches technique(PDF) 4 Page - Excelliance MOS Corp.

No de pièce EMS25C06HC
Description  High Current Density Trench Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELLIANCE [Excelliance MOS Corp.]
Site Internet  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMS25C06HC Fiches technique(HTML) 4 Page - Excelliance MOS Corp.

  EMS25C06HC Datasheet HTML 1Page - Excelliance MOS Corp. EMS25C06HC Datasheet HTML 2Page - Excelliance MOS Corp. EMS25C06HC Datasheet HTML 3Page - Excelliance MOS Corp. EMS25C06HC Datasheet HTML 4Page - Excelliance MOS Corp. EMS25C06HC Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/4/30 
p.4 
EMS25C06HC
50
0
4
8
c
0
25
16
12
20
24
15 0
10 0
75
1 2 5
T  ,C a s e  Tem p er a tu r e( °C   )
Fo r w a r d  C u rre n t  De r a tin g  Cur v e
R e v e r s e  V o l t a g e ( V )
T y p i c a l  J u n c t i o n  C a p a c i t a n c e
f    = 1 M H z
T   = 2 5 °C
V   = 1 0 m V
0.1
10
100
1
J
S I G
1000
10000
10
60
P ‐ P
t ‐ Pulse Duration( S )
Typical Transient Thermal Impedance
0.01
0.1
1
10
100
100
10
1
0.1
0.01
Junction to Ambient
12
Forward Power Loss Characteristics
0
0
5
36
9
10
15
24
18
15
21
Average Forward Curret ( A )
27
t2
t1
D =
t1
t2
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
30
Percentage of Rated Peak Reverse Voltage( %  )
Typical Reverse Characteristics
10
0.1
1
10
100
1000
100
0.01
20
30
40
50
60
70
80
90
T A= 25°C
1 25°C
150°C
T y p i c a l  I n s t a n t a n e o u s  F o r w a r d  C h a r a c t e r i s t i c s
25°C
T   = 150°C
0.3
0.1
0
0.1
0.2
1
10
100
A
0.4
0.5
125°C
0.6
0.7
I n s t a n t a n e o u s  F o r w a r d  V o l t a g e ( V )
0.8
 


Numéro de pièce similaire - EMS25C06HC

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMS20C06HC EXCELLIANCE-EMS20C06HC Datasheet
170Kb / 5P
   High Current Density Trench Barrier Schottky Rectifier
EMS20D05E EXCELLIANCE-EMS20D05E Datasheet
274Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS20D06E EXCELLIANCE-EMS20D06E Datasheet
274Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS20D10E EXCELLIANCE-EMS20D10E Datasheet
215Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS20D12E EXCELLIANCE-EMS20D12E Datasheet
187Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
More results

Description similaire - EMS25C06HC

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMS15C05A EXCELLIANCE-EMS15C05A Datasheet
186Kb / 5P
   High Current Density Trench Barrier Schottky Rectifier
EMS15C05H EXCELLIANCE-EMS15C05H Datasheet
171Kb / 5P
   High Current Density Trench Barrier Schottky Rectifier
EMS20C06HC EXCELLIANCE-EMS20C06HC Datasheet
170Kb / 5P
   High Current Density Trench Barrier Schottky Rectifier
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com