Moteur de recherche de fiches techniques de composants électroniques |
|
A20153200B1 Fiches technique(PDF) 6 Page - Eaton All Rights Reserved. |
|
A20153200B1 Fiches technique(HTML) 6 Page - Eaton All Rights Reserved. |
6 / 6 page For additional product information, visit www.eaton.com/connectors Terminal Blocks - Single Row MOUNTING PLATE MP MT MT8 Hardware Options (Bulk ordering part numbers are in parentheses) Inches (Millimeters) Solder Lugs Jumpers Quick Connects Blade Width A = 0.250”. Blade Width B = 0.187”. 0.68 (17.3) 0.84 (21.2) S1 (2S1-J) A9 & B9 (2A9-J & 2B9-J) 0.33 (8.4) †JB (JB2-XX-J) A7 & B7 (2A7-J & 2B7-J) A8 & B8 (2A8-J & 2B8-J) 0.33 (8.4) †JA (JA2-XX-J) 0.33 (8.4) †JC (JC2-XX-J) Mounting Options Inches (Millimeters) Snap-in Angle Bracket Chassis or PCB A A #6 or #8 mounting screw & nut (Customer supplied.) 0.71 (18.0) 0.45 (11.4) 0.79 (20.1) 1.02 (25.8) 0.24 (6.1) 0.42 (10.7) Option AB †OJ4 (OJ4-J) †OJ2 (OJ2-J) Option MP MP Metal inserts with 0.150” dia. hole accept #6 screw. Bulk part number 2MP-J. Mounting Plates End Positions usable Exit Back (EB) Terminals Angle Bracket Right Angle Mounting Bracket Mounts blocks on PC boards at a right angle. • Protects solder joints. • Recommended for all EB (Exit Back) PCB terminal blocks. • Bracket snaps securely on block (no hardware required). • Minimum strip length (end positions are usable). • Mount with #6-32 or #8-32 screws (not supplied). Series CB2000 Single Row Terminal Blocks †Contact factory for configuration.. 13 |
Numéro de pièce similaire - A20153200B1 |
|
Description similaire - A20153200B1 |