Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A20143009A9 Datasheet(Fiches technique) 3 Page - Eaton All Rights Reserved.

Numéro de pièce A20143009A9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

A20143009A9 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
Hardware Options (Bulk ordering part numbers are in parentheses)
Inches (Millimeters)
Solder Lugs
Jumpers
Quick Connects
Blade Width A = 0.250” Blade Width B = 0.187”
0.68 (17.3)
0.84 (21.2)
S1
(2S1-J)
A1 & B1
(2A1-J & 2B1-J)
A2 & B2
(2A2-J & 2B2-J)
A3 & B3
(2A3-J & 2B3-J)
A9 & B9
(2A9-J & 2B9-J)
0.33 (8.4)
JB
(JB2-02-J)
A4 & B4
(2A4-J & 2B4-J)
A5 & B5
(2A5-J & 2B5-J)
A6 & B6
(2A6-J & 2B6-J)
A7 & B7
(2A7-J & 2B7-J)
A8 & B8
(2A8-J & 2B8-J)
0.33 (8.4)
JA
(JA2-02-J)
0.33 (8.4)
JC
(JC2-02-J)
WR
Wire Ready
04
Brass
Nickel-Plated
(F506-J)
07
Steel SEMS
(F523-J)
Screw Options (Bulk ordering part numbers are in parentheses)
09
Brass SEMS
Nickel-Plated
(F524-J)
OJ4
(OJ4-J)
OJ2
(OJ2-J)
B
SECTION A–A
0.40
(10.2)
B
0.180 (4.57)
0.218 (5.54)
B
0.150 Ø (3.8)
mounting holes (2)
0.095
(2.4)
SECTION B–B
0.40
(10.2)
B
6
Molded Mount End
1, 3 & 5
Mount End
03
Stainless Steel
(F507-J)
Standard
Zinc-plated Steel
(F505-J)
Base/End Options
Inches (Millimeters)
Series A2000 & LP2000
Single Row Terminal Blocks
Continued
†Contact factory for configuration.
Terminal Blocks - Single Row
Mount End Details
1 - Standard base/mount end
5 - Closed base/mount end
6 - Closed base/molded mount end
2 - Standard base/barrier end
4 - Insulator base/barrier end
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 1
FIG 2
FIG 3
FIG 4
3 - Insulator base/mount end
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
0.30
(7.62)
0.30
(7.62)
10


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn